Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMBR240FT1G Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LMBR240FT1G
Description  Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 2.0A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBR240FT1G Datasheet(HTML) 5 Page - Leshan Radio Company

  LMBR240FT1G Datasheet HTML 1Page - Leshan Radio Company LMBR240FT1G Datasheet HTML 2Page - Leshan Radio Company LMBR240FT1G Datasheet HTML 3Page - Leshan Radio Company LMBR240FT1G Datasheet HTML 4Page - Leshan Radio Company LMBR240FT1G Datasheet HTML 5Page - Leshan Radio Company LMBR240FT1G Datasheet HTML 6Page - Leshan Radio Company LMBR240FT1G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Reel packing
5.Suggested thermal profile for soldering process
1. Storage environment:Temperature=5~40℃ Humidity=55±25%
2. Reflow soldering of surface-mount device
3. Reflow soldering
LMBR220FT1G thru LMBR2200FT1G
SOD123-FL
7"
3,000
4.0
30,000
183*183*123
178
382*262*387
240,000
8.7
REEL DIA.
(mm)
CARTON SIZE
(mm)
CARTON
(PCS)
PACKAGE
REEL SIZE
REEL
(PCS)
APPOX.
GROSS WEIGHT
(kg)
COMPONENT
SPACING
(mm)
BOX
(pcs)
INNER BOX
(mm)
Profile Feature
Soldering Condition
Average ramp-up rate(TL to TP)
<3℃/sec
Preheat
- Temperature Min(Tsmin)
- Temperature Max(Tsmax)
- Time(min to max)(ts)
150℃
200℃
60~120sec
Tsmax to TL
- Ramp-up Rate
<3sec
Time maintained above:
- Temperature (TL)
- Time(tL)
217℃
60-260sec
Peak Temperature(TP)
255 -0/+5℃
Time within 5℃ of actual Peak
Temperature(TP)
10~30sec
Ramp-down Rate
<6℃/sec
Time 25℃ to Peak Temperature
<6minutes



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com