Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMBR240FT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMBR240FT1G
Description  Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 2.0A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBR240FT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMBR240FT1G Datasheet HTML 1Page - Leshan Radio Company LMBR240FT1G Datasheet HTML 2Page - Leshan Radio Company LMBR240FT1G Datasheet HTML 3Page - Leshan Radio Company LMBR240FT1G Datasheet HTML 4Page - Leshan Radio Company LMBR240FT1G Datasheet HTML 5Page - Leshan Radio Company LMBR240FT1G Datasheet HTML 6Page - Leshan Radio Company LMBR240FT1G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guardring for over voltage protection
* High temperature soldering guaranteed:
260
°C/10 seconds at terminals
Mechanical Data
Case: SOD123-FL/MINI SMA
molded plastic over sky die
Terminals: Tin Plated, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
We declare that the material of product is
Weight: 0.0155 g
Haloggen free (green epoxy compound)
Handling precautin:None
1.Electrical Characteristic
Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
LMBR
220FT1G
LMBR
230FT1G
LMBR
240FT1G
LMBR
250FT1G
LMBR
260FT1G
LMBR
280FT1G
LMBR
2100FT1G
LMBR
2150FT1G
LMBR
2200FT1G
Unit
device marking code
22
23
24
25
26
28
210
215
220
Maximum repetitive peak reverse
voltage
VRRM
20
30
40
50
60
80
100
150
200
V
Maximum RMS voltage
VRMS
14
21
28
35
42
56
70
105
140
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
100
150
200
V
Maximum average forward rectified
current at TA = 75
°C
IF(AV)
A
Peak forward surge current 8.3ms
single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 1)
R
θJA
R
θJC
°C/W
Operating junction temperature range
TJ
°C
storage temperature range
TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
LMBR
220FT1G
LMBR
230FT1G
LMBR
240FT1G
LMBR
250FT1G
LMBR
260FT1G
LMBR
280FT1G
LMBR
2100FT1G
LMBR
2150FT1G
LMBR
2200FT1G
Unit
Maximum instantaneous forward
voltage at 2.0A
VF
0.9
0.92
V
Maximum DC reverse current at rated
DC blocking voltage TA = 25℃
Tj = 100℃
IR
mA
Typical junction capacitance at
4.0V, 1MHz
CJ
PF
NOTES:
1. 8.0mm
2 (.013mm thick) land areas
0.50
0.70
0.85
–55 to +150
–65 to +175
0.5
20
160
LMBR220FT1G thru LMBR2200FT1G
2.0
50
110
40
Schottky Barrier Rectifiers
Reverse Voltage 20 to 200V Forward Current 2.0A


Similar Part No. - LMBR240FT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR240ET1G LRC-LMBR240ET1G Datasheet
834Kb / 3P
Schottky Barrier Rectifiers
More results

Similar Description - LMBR240FT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200FT1G LRC-LMBR1200FT1G Datasheet
172Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
LMBR3200FT1G LRC-LMBR3200FT1G Datasheet
166Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 3.0A
LMBR120ET1G LRC-LMBR120ET1G Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
First Silicon Co., Ltd
FDR120F FS-FDR120F Datasheet
276Kb / 3P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
Leshan Radio Company
SB2150 LRC-SB2150 Datasheet
256Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 2.0A
logo
AiT Semiconductor Inc.
DS210W AITSEMI-DS210W Datasheet
648Kb / 6P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 2A
REV1.0
DS22W AITSEMI-DS22W Datasheet
648Kb / 6P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 2A
REV1.0
MBR120F AITSEMI-MBR120F Datasheet
435Kb / 5P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 1.0A
REV2.0
SM220A AITSEMI-SM220A Datasheet
663Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 2.0A
REV2.1
SM220BF AITSEMI-SM220BF Datasheet
1Mb / 5P
SCHOTTKY DIODES REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 2.0A
REV1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com