Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD736KRZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD736KRZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD736KRZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD736KRZ-R7 Datasheet HTML 8Page - Analog Devices AD736KRZ-R7 Datasheet HTML 9Page - Analog Devices AD736KRZ-R7 Datasheet HTML 10Page - Analog Devices AD736KRZ-R7 Datasheet HTML 11Page - Analog Devices AD736KRZ-R7 Datasheet HTML 12Page - Analog Devices AD736KRZ-R7 Datasheet HTML 13Page - Analog Devices AD736KRZ-R7 Datasheet HTML 14Page - Analog Devices AD736KRZ-R7 Datasheet HTML 15Page - Analog Devices AD736KRZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD736
Data Sheet
Rev. I | Page 12 of 20
RAPID SETTLING TIMES VIA THE AVERAGE
RESPONDING CONNECTION
Because the average responding connection shown in Figure 19
does not use the CAV averaging capacitor, its settling time does
not vary with the input signal level. It is determined solely by
the RC time constant of CF and the internal 8 kΩ resistor in the
output amplifier’s feedback path.
+VS
+VS
CF
33µF
CC
10µF
COM
OUTPUT
(OPTIONAL)
POSITIVE SUPPLY
+VS
0.1µF
–VS
0.1µF
COMMON
NEGATIVE SUPPLY
VOUT
8
7
6
5
1
2
3
4
AD736
+
rms
CORE
+
CC
VIN
VIN
FULL
WAVE
RECTIFIER
CF
–VS
–VS
CAV
BIAS
SECTION
INPUT
AMPLIFIER
8kΩ
OUTPUT
AMPLIFIER
8kΩ
Figure 19. AD736 Average Responding Circuit
DC ERROR, OUTPUT RIPPLE, AND AVERAGING
ERROR
Figure 20 shows the typical output waveform of the AD736
with a sine wave input applied. As with all real-world devices,
the ideal output of VOUT = VIN is never achieved exactly. Instead,
the output contains both a dc and an ac error component.
As shown in Figure 20, the dc error is the difference between
the average of the output signal (when all the ripple in the
output is removed by external filtering) and the ideal dc output.
The dc error component is therefore set solely by the value of
the averaging capacitor used. No amount of post filtering (that
is, using a very large CF) allows the output voltage to equal its
ideal value. The ac error component, an output ripple, can be
easily removed by using a large enough post filtering capacitor, CF.
In most cases, the combined magnitudes of both the dc and
ac error components need to be considered when selecting
appropriate values for Capacitor CAV and Capacitor CF. This
combined error, representing the maximum uncertainty of the
measurement, is termed the averaging error and is equal to the
peak value of the output ripple plus the dc error.
DC ERROR = EO – EO (IDEAL)
AVERAGE EO = EO
EO
IDEAL
EO
DOUBLE-FREQUENCY
RIPPLE
TIME
Figure 20. Output Waveform for Sine Wave Input Voltage
As the input frequency increases, both error components
decrease rapidly; if the input frequency doubles, the dc error
and ripple reduce to one quarter and one half of their original
values, respectively, and rapidly become insignificant.
AC MEASUREMENT ACCURACY AND CREST FACTOR
The crest factor of the input waveform is often overlooked when
determining the accuracy of an ac measurement. Crest factor is
defined as the ratio of the peak signal amplitude to the rms
amplitude (crest factor = VPEAK/V rms). Many common waveforms,
such as sine and triangle waves, have relatively low crest factors
(≤2). Other waveforms, such as low duty-cycle pulse trains and
SCR waveforms, have high crest factors. These types of waveforms
require a long averaging time constant (to average out the long
periods between pulses). Figure 8 shows the additional error vs.
the crest factor of the AD736 for various values of CAV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com