Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD736KRZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD736KRZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD736KRZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD736KRZ-R7 Datasheet HTML 12Page - Analog Devices AD736KRZ-R7 Datasheet HTML 13Page - Analog Devices AD736KRZ-R7 Datasheet HTML 14Page - Analog Devices AD736KRZ-R7 Datasheet HTML 15Page - Analog Devices AD736KRZ-R7 Datasheet HTML 16Page - Analog Devices AD736KRZ-R7 Datasheet HTML 17Page - Analog Devices AD736KRZ-R7 Datasheet HTML 18Page - Analog Devices AD736KRZ-R7 Datasheet HTML 19Page - Analog Devices AD736KRZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
AD736
Rev. I | Page 17 of 20
EVALUATION BOARD
An evaluation board, AD736-EVALZ, is available for
experimentation or becoming familiar with rms-to-dc converters.
Figure 29 is a photograph of the board, and Figure 30 is the top
silkscreen showing the component locations. Figure 31, Figure 32,
Figure 33, and Figure 34 show the layers of copper, and Figure 35
shows the schematic of the board configured as shipped. The board
is designed for multipurpose applications and can be used for the
AD737 as well.
Figure 29. AD736 Evaluation Board
Figure 30. Evaluation Board—Component-Side Silkscreen
As shipped, the board is configured for dual supplies and high
impedance input. Optional jumper locations enable low impedance
and dc input connections. Using the low impedance input (Pin 1)
often enables higher input signals than otherwise possible. A dc
connection enables an ac plus dc measurement, but care must
be taken so that the opposite polarity input is not dc-coupled
to ground.
Figure 35 shows the board schematic with all movable jumpers.
The jumper positions in black are default connections; the dotted-
outline jumpers are optional connections. The board is tested prior
to shipment and only requires a power supply connection and a
precision meter to perform measurements.
Figure 31. Evaluation Board—Component-Side Copper
Figure 32. Evaluation Board—Secondary-Side Copper
Figure 33. Evaluation Board—Internal Power Plane
Figure 34. Evaluation Board—Internal Ground Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com