Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR2002A Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LR2002A
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR2002A Datasheet(HTML) 4 Page - Leshan Radio Company

  LR2002A Datasheet HTML 1Page - Leshan Radio Company LR2002A Datasheet HTML 2Page - Leshan Radio Company LR2002A Datasheet HTML 3Page - Leshan Radio Company LR2002A Datasheet HTML 4Page - Leshan Radio Company LR2002A Datasheet HTML 5Page - Leshan Radio Company LR2002A Datasheet HTML 6Page - Leshan Radio Company LR2002A Datasheet HTML 7Page - Leshan Radio Company LR2002A Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
OPEN
OPEN
VCE
ICEX
µA
IB
OPEN
hFE =
VCE
V
IC
IB
IC
VIN
OPEN
mA
OPEN
IIN
OPEN
VCE
IC
µA
IIN
µA
V
OPEN
VCE
V
VIN
IC
OPEN
VR
IR
µA
IF
OPEN
VF
V
50%
50%
50%
50%
t pHL
t pHL
OUTPUT
INPUT
VIN
PULSE
GENERATOR
PRR = 10KHz
DC = 50%
INPUT
93
Ω
50 pF
OUT
30
Ω
100
Ω
+50 V
FIGURE 7
FIGURE 8
TEST FIGURES
FIGURE 1
FIGURE 2
FIGURE 4
FIGURE 5
FIGURE 6
LESHAN RADIO COMPANY, LTD.
FIGURE 3
Ver 1.5 Aug 2009
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com