Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR2002A Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR2002A
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR2002A Datasheet(HTML) 1 Page - Leshan Radio Company

  LR2002A Datasheet HTML 1Page - Leshan Radio Company LR2002A Datasheet HTML 2Page - Leshan Radio Company LR2002A Datasheet HTML 3Page - Leshan Radio Company LR2002A Datasheet HTML 4Page - Leshan Radio Company LR2002A Datasheet HTML 5Page - Leshan Radio Company LR2002A Datasheet HTML 6Page - Leshan Radio Company LR2002A Datasheet HTML 7Page - Leshan Radio Company LR2002A Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ideally suited for interfacing between low-level logic circuitry and
multiple peripheral power loads, the Series LR2002A/L high-voltage,
high-current Darlington arrays feature continuous load current ratings
to 500 mA for each of the seven drivers. At an appropriate duty cycle
depending on ambient temperature and number of drivers turned ON
simultaneously, typical power loads totaling over 120 W (350 mA x 7,
50 V) can be controlled. Typical loads include relays, solenoids,
stepping motors, magnetic print hammers, multiplexed LED and
incandescent displays, and heaters. All devices feature open-collector
outputs with integral clamp diodes.
The LR2002A/L have series input resistors selected for operation
directly with 14-25V PMOS. These devices will handle numerous
interface needs - particularly those beyond the capabilities of standard
logic buffers.
The LR2002A/L are the standard Darlington Array. The outputs
are capable of sinking 500 mA and will withstand at least 50V in the
OFF state.Outputs may be paralleled for higher load current capability.
These Darlington arrays are furnished in 16-pin dual in-line plastic
packages (suffix “A”) and 16-lead surface-mountable SOICs (suffix
“L”). All devices are pinned with outputs opposite inputs to facilitate
ease of circuit board layout. All devices are rated for operation over the
temperature range of -40
°C to +85°C.
FEATURES
I14-25V PMOS Compatible Inputs
I Output Current to 500 mA
I Output Voltage to 50 V
I Transient-Protected Outputs
I Dual In-Line Plastic Package or Small-Outline IC Package
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
16
15
14
13
12
611
710
89
1
2
3
4
5
Note that the LR2002A series (dual in-line
package) and LR2002L series (small-outline
IC package) are electrically identical and share
a common terminal number assignment.
ABSOLUTE MAXIMUM RATINGS
Output Voltage, V
CE
50 V
Input Voltage, V
IN ................................ 30 V
Continuous Output Current,
I
C ................................................. 500 mA
Continuous Input Current, I
IN ........... 25 mA
Power Dissipation, P
D
(one Darlington pair) ..................... 1.0 W
(total package) ....................... See Graph
Operating Temperature Range,
T
A .................................. -40°C to +85°C
Storage Temperature Range,
T
S ................................. -55°C to +150°C
LESHAN RADIO COMPANY, LTD.
LR2002A/L
...........................
Ver 1.5 Aug 2009
1/8


Similar Part No. - LR2002A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LR2000 ETC2-LR2000 Datasheet
547Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
logo
Tripp Lite. All Rights ...
LR2000 TRIPPLITE-LR2000 Datasheet
546Kb / 3P
2000W 230V AVR Line Conditioner, Power Conditioner
logo
Leshan Radio Company
LR2001A LRC-LR2001A Datasheet
291Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
LR2001L LRC-LR2001L Datasheet
291Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
LR2003A LRC-LR2003A Datasheet
289Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
More results

Similar Description - LR2002A

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2803 ALLEGRO-2803 Datasheet
166Kb / 10P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
A2001 ALLEGRO-A2001 Datasheet
316Kb / 11P
High Voltage High Current Darlington Arrays
October 28, 2005
A2803 ALLEGRO-A2803 Datasheet
272Kb / 11P
High Voltage High Current Darlington Arrays
October 28, 2005
logo
List of Unclassifed Man...
ULN2001A ETC1-ULN2001A Datasheet
749Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
UNL2803 ETC2-UNL2803 Datasheet
219Kb / 5P
High-Voltage, High-Current Darlington Arrays
logo
Allegro MicroSystems
ULN2003A ALLEGRO-ULN2003A Datasheet
182Kb / 10P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
First Components Intern...
ULN2003 FCI-ULN2003 Datasheet
268Kb / 5P
High-Voltage, High - Current Darlington Arrays
ULN2803 FCI-ULN2803 Datasheet
235Kb / 5P
High-Voltage,High-Current Darlington Arrays
logo
Leshan Radio Company
LR2001A LRC-LR2001A Datasheet
291Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
LR2003A LRC-LR2003A Datasheet
289Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com