Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP508M Datasheet(PDF) 3 Page - Leshan Radio Company

Part # MP508M
Description  High Current Glass Passivated Molding Single-Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MP508M Datasheet(HTML) 3 Page - Leshan Radio Company

  MP508M Datasheet HTML 1Page - Leshan Radio Company MP508M Datasheet HTML 2Page - Leshan Radio Company MP508M Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
 
4 
 
MP501M Thru MP5010M
3.
Marking Identification
Note:
生产日期码包含4位数字,例如 “1013”,前两个数字“10” 表示为2010年,另外二个数字
“13” 是指第13周,即表示该产品为2010年13周生产。
型号: MP 50
10
M
Molding   Epoxy
bridge reverse voltage=1000V
average rectified forward Current=50A
mean:MP series bridge
4. Dimension



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com