Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP508M Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MP508M
Description  High Current Glass Passivated Molding Single-Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MP508M Datasheet(HTML) 1 Page - Leshan Radio Company

  MP508M Datasheet HTML 1Page - Leshan Radio Company MP508M Datasheet HTML 2Page - Leshan Radio Company MP508M Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
2 
 
MP501M Thru MP5010M
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
Reverse Voltage 100 to 1000V
Forward Current 50.0 A
FEATURES
Plastic Package has Underwriters
Laboratory Flammability
Classification 94V-0
High current capacity with small
package
Glass passivated chip junctions
Superior thermal conductivity
High IFSM
1. Maximum & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
Item
Symbol MP501M
MP502M
MP504M
MP506M
MP508M
MP5010M
Unit
Maximum repetitive voltage
VRM
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Maximum DC reverse current
TA=25℃
at rated DC blocking voltage
TA=125℃
IR
5
500
µA
Average recified forward current
Tc=100℃
50
60Hz sinewave,R-load with heatsink
Ta=38℃
Io
10
A
Peak forward surge current 8.3 ms
single half sine-wave superimposed
on rated load
IFSM
450
A
Rating for Fusing (t<8.3ms)
I
2
t
840
A
2sec
Dielectric strength Terminals to
case, AC 1 minute Current 1mA
Vdia
2.5
KV
Maximum instantaneous forward
voltage at
25A
VF
1.05
V
Operating junction temperature
Tj
-55~150
℃
Storage temperature
Tstg
-55~150
℃
Mounting torque
Tor
Rating Torque : 1.2(Suggests 0.6~1.0)
N.m


Similar Part No. - MP508M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MP508 MCC-MP508 Datasheet
77Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP508 MCC-MP508 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Leshan Radio Company
MP508 LRC-MP508 Datasheet
193Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Micro Commercial Compon...
MP508 MCC-MP508 Datasheet
417Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Rectron Semiconductor
MP508 RECTRON-MP508 Datasheet
568Kb / 5P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 50 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2020-09 REV: B
More results

Similar Description - MP508M

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
GBL401 WEITRON-GBL401 Datasheet
222Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Leshan Radio Company
D2KB10 LRC-D2KB10 Datasheet
228Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D3KB10 LRC-D3KB10 Datasheet
190Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D4KB10 LRC-D4KB10 Datasheet
210Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D10SB10 LRC-D10SB10_12 Datasheet
243Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D20SB10 LRC-D20SB10_12 Datasheet
317Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
DB202S LRC-DB202S Datasheet
185Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
GBU20B LRC-GBU20B Datasheet
236Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
MP3510W LRC-MP3510W Datasheet
211Kb / 4P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
ABS10 LRC-ABS10 Datasheet
673Kb / 4P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com