Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731SEDS/V Datasheet(PDF) 63 Page - Wolfson Microelectronics plc

Part # WM8731SEDS/V
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731SEDS/V Datasheet(HTML) 63 Page - Wolfson Microelectronics plc

Back Button WM8731SEDS/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8731SEDS/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8731SEDS/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8731SEDS/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8731SEDS/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8731SEDS/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8731SEDS/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8731SEDS/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8731SEDS/V Datasheet HTML 65Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 63 / 65 page
background image
WM8731 / WM8731L
Production Data
w
PD, Rev 4.9, October 2012
63
PACKAGE DIMENSIONS - QFN
NOTES:
1. DIMENSION b APPLIED TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.25 mm AND 0.30 mm FROM TERMINAL TIP.
2. FALLS WITHIN JEDEC, MO-220 WITH THE EXCEPTION OF D2, E2 AND L:
D2,E2: SMALLER PAD SIZE CHOSEN WHICH IS JUST OUTSIDE JEDEC SPECIFICATION, L IS SLIGHTLY LARGER THAN JEDEC SPEC.
3. ALL DIMENSIONS ARE IN MILLIMETRES.
4. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
5. SHAPE AND SIZE OF CORNER TIE BAR MAY VARY WITH PACKAGE TERMINAL COUNT. CORNER TIE BAR IS CONNECTED TO EXPOSED PAD INTERNALLY.
6. REFER TO APPLICATION NOTE WAN_0118 FOR FURTHER INFORMATION REGARDING PCB FOOTPRINTS AND QFN PACKAGE SOLDERING.
DM109.A
FL: 28 PIN QFN PLASTIC PACKAGE 5 X 5 X 0.85 mm BODY, 0.50 mm LEAD PITCH
C
aaa
INDEX AREA
(D/2 X E/2)
C
aaa
2 X
2 X
TOP VIEW
D
E
C
0.08
C
0.10
A
A1
C
(A3)
SEATING PLANE
1
14
13
b
15
L
D2/2
D2
E2
E2/2
SEE DETAIL A
B
C
ccc M
A
B
B
A
A
27
28
1
2
7
8
21
22
e
DETAIL A
Symbols
Dimensions (mm)
MIN
NOM
MAX
NOTE
A
A1
A3
b
D
D2
E
E2
e
L
R
0.80
0.85
0.90
0.05
0.035
0
0.203 REF
0.30
0.25
0.20
5.00 BSC
3.20
3.10
3.00
5.00 BSC
0.5 BSC
3.10
3.20
3.00
0.50
0.55
0.60
b(min)/2
1
2
2
aaa
bbb
ccc
REF:
0.10
0.10
0.10
JEDEC, MO-220, VARIATION VHHD-3
Tolerances of Form and Position
EXPOSED
GROUND
PADDLE
6
BOTTOM VIEW
SIDE VIEW
B
C
0.10
A
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com