Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731SEDS/V Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8731SEDS/V
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731SEDS/V Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8731SEDS/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8731SEDS/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8731SEDS/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8731SEDS/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8731SEDS/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8731SEDS/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8731SEDS/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8731SEDS/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8731SEDS/V Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
WM8731 / WM8731L
Production Data
w
PD, Rev 4.9, October 2012
11
ELECTRICAL CHARACTERISTICS – WM8731L
Test Conditions
AVDD, HPVDD, DBVDD = 1.8V, AGND = 0V, DCVDD = 1.5V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, XTI/MCLK =
256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Logic Levels (CMOS Levels)
Input LOW level
VIL
0.3 x DBVDD
V
Input HIGH level
VIH
0.7 x DBVDD
V
Output LOW
VOL
0.10 x
DBVDD
V
Output HIGH
VOH
0.9 x DBVDD
V
Power On Reset Threshold (DCVDD)
DCVDD Threshold On -> Off
Vth
0.9
V
Hysteresis
VIH
0.3
V
DCVDD Threshold Off -> On
VOL
0.6
V
Analogue Reference Levels
Reference voltage (VMID)
VVMID
AVDD/2
V
Potential divider resistance
RVMID
50k
Ω
Line Input to ADC
Input Signal Level (0dB)
VINLINE
1.0
AVDD/3.3
Vrms
Signal to Noise Ratio
(Note 1,3)
SNR
A-weighted, 0dB gain
@ fs = 48kHz
75
85
dB
A-weighted, 0dB gain
@ fs = 96kHz
85
Dynamic Range (Note 3)
DR
A-weighted, -60dB full
scale input
80
88
dB
Total Harmonic Distortion
THD
-1dB input, 0dB gain
-76
-60
dB
Power Supply Rejection Ratio
PSRR
1kHz, 100mVpp
50
dB
20Hz to 20kHz,
100mVpp
45
ADC channel separation
1kHz input
90
dB
Programmable Gain
1kHz input
Rsource < 50Ω
-34.5
0
+12
dB
Programmable Gain Step Size
Guaranteed Monotonic
1.5
dB
Mute attenuation
0dB, 1kHz input
80
dB
Input Resistance
RINLINE
0dB gain
20k
30k
Ω
12dB gain
10k
15k
Input Capacitance
CINLINE
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com