Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPSD301-B-70L Datasheet(PDF) 13 Page - STMicroelectronics

Part # ZPSD301-B-70L
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301-B-70L Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ZPSD301-B-70L Datasheet HTML 9Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 10Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 11Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 12Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 13Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 14Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 15Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 16Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD3XX Family
10
8.0
Operating
Modes (MCU
Configurations)
The PSD3XX’s four operating modes enable it to interface directly to most 8- and 16-bit
microcontrollers with multiplexed and non-multiplexed address/data busses. The 16-bit
modes are not available to some devices; see Table 1. The following are the four operating
modes available:
t Multiplexed 8-bit address/data bus
t Multiplexed 16-bit address/data bus
t Non-multiplexed 8-bit data bus
t Non-multiplexed 16-bit data bus
Please read the section below that corresponds to your type of MCU. Then check the
appropriate Figure (3A/3B/3C/3D) to determine your pin connections. Table 3 lists the Port
connections in tabular form.
Multiplexed 8-bit address/data bus (Figure 3A)
This mode is used to interface to microcontrollers with a multiplexed 8-bit data bus. Since
the low-order address and data are multiplexed together, your MCU will output an ALE
or AS signal. The PSD3XX contains a transparent latch to demultiplex the address/data
lines internally. All you have to do is connect the ALE/AS signal and select 8-bit multiplexed
bus mode in PSDsoft. If your MCU outputs more than 16 bits of address, and you
wish to connect them to the PSD, connect A16-A18 to Port C and A19 to A19/CSI, where
applicable.
Multiplexed 16-bit address/data bus (Figure 3B)
This mode is used to interface to microcontrollers with a multiplexed 16-bit data bus. Since
the low address bytes and data are multiplexed together, your MCU will output an ALE
or AS signal. The PSD3XX contains a transparent latch to demultiplex the address/data
lines internally. All you have to do is connect the ALE/AS signal and select 8-bit multiplexed
bus mode in PSDsoft. If your MCU outputs more than 16 bits of address, and you
wish to connect them to the PSD, connect A16-A18 to Port C and A19 to A19/CSI, where
applicable.
Non-multiplexed 8-bit data bus (Figure 3C)
This mode is used to interface to microcontrollers with a non-multiplexed 8-bit data bus.
Connect the MCU’s address bus to AD0/A0-AD15/A15 on the PSD. Connect the data bus
signals of your MCU to Port A of the PSD. If your MCU outputs more than 16 bits of
address, and you wish to connect them to the PSD, connect A16-A18 to Port C and A19 to
A19/CSI, where applicable.
Non-multiplexed 16-bit data bus (Figure 3D)
This mode is used to interface to microcontrollers with a non-multiplexed 16-bit data bus.
Connect the MCU’s address bus to AD0/A0-AD15/A15 on the PSD. Connect the low byte
data bus signals of your MCU to Port A, and the high byte data output of your MCU to Port
B of the PSD. If your MCU outputs more than 16 bits of address, and you wish to connect
them to the PSD, connect A16-A18 to Port C and A19 to A19/CSI, where applicable.
For users with multiplexed MCUs that have data multiplexed on address lines other
than A0-A7 note: You can still use the PSD3XX, but you will have to connect your
data to Port A (and Port B where required), as shown in Figure 3C or 3D. That is, you will
be connecting it as if you were using a non-multiplexed MCU. In this case, you must
connect the ALE/AS signal so that the address will still be properly latched. This option is
not available on the 3X1 versions.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com