Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPSD301-B-70L Datasheet(PDF) 39 Page - STMicroelectronics

Part # ZPSD301-B-70L
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301-B-70L Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ZPSD301-B-70L Datasheet HTML 35Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 36Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 37Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 38Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 39Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 40Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 41Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 42Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD3XX Family
36
Figure 18. Normalized ICC (AC) (VCC = 3.0 V)
Figure 19. Normalized Access Time (T6) (VCC = 3.0 V)
Figure 16. IOL vs. VOL (5 V ± 10%)
Figure 17. Normalized ICC (DC vs. VCC) (VCC = 3.0 V)
40
35
30
25
20
15
10
5
0
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
VOL (V)
Temp. = 125°C
Temp. = 25°C
3.5
3.0
2.5
2.0
1.5
1.0
0.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VCC (V)
2.7
2.7
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VCC (V)
2.7
1.1
1.05
1.0
0.95
0.9
0.85
0.8
0.75
0.7
0.65
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VCC (V)
ZPSD3XXV
ZPSD3XXV
ZPSD3XXV
ZPSD3XXV
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com