Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1065ASUZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1065ASUZ
Description  Super Sequencer and Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1065ASUZ Datasheet(HTML) 1 Page - Analog Devices

  ADM1065ASUZ Datasheet HTML 1Page - Analog Devices ADM1065ASUZ Datasheet HTML 2Page - Analog Devices ADM1065ASUZ Datasheet HTML 3Page - Analog Devices ADM1065ASUZ Datasheet HTML 4Page - Analog Devices ADM1065ASUZ Datasheet HTML 5Page - Analog Devices ADM1065ASUZ Datasheet HTML 6Page - Analog Devices ADM1065ASUZ Datasheet HTML 7Page - Analog Devices ADM1065ASUZ Datasheet HTML 8Page - Analog Devices ADM1065ASUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Super Sequencer and Monitor
ADM1065
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Complete supervisory and sequencing solution for up to
10 supplies
10 supply fault detectors enable supervision of supplies to
<0.5% accuracy at all voltages at 25°C
<1.0% accuracy across all voltages and temperatures
5 selectable input attenuators allow supervision of supplies to
14.4 V on VH
6 V on VP1 to VP4 (VPx)
5 dual-function inputs, VX1 to VX5 (VXx)
High impedance input to supply fault detector with
thresholds between 0.573 V and 1.375 V
General-purpose logic input
10 programmable driver outputs, PDO1 to PDO10 (PDOx)
Open-collector with external pull-up
Push/pull output driven to VDDCAP or VPx
Open collector with weak pull-up to VDDCAP or VPx
Internally charge-pumped high drive for use with external
N-FET (PDO1 to PDO6 only)
Sequencing engine (SE) implements state machine control of
PDO outputs
State changes conditional on input events
Enables complex control of boards
Power-up and power-down sequence control
Fault event handling
Interrupt generation on warnings
Watchdog function can be integrated in SE
Program software control of sequencing through SMBus
Device powered by the highest of VPx, VH for improved
redundancy
User EEPROM: 256 bytes
Industry-standard 2-wire bus interface (SMBus)
Guaranteed PDO low with VH, VPx = 1.2 V
Available in 40-lead, 6 mm × 6 mm LFCSP and
48-lead, 7 mm × 7 mm TQFP packages
APPLICATIONS
Central office systems
Servers/routers
Multivoltage system line cards
DSP/FPGA supply sequencing
In-circuit testing of margined supplies
For more information about the ADM1065 register map,
refer to the AN-698 Application Note at www.analog.com.
FUNCTIONAL BLOCK DIAGRAM
PDO7
PDO8
PDO9
PDO10
PDOGND
VDD
ARBITRATOR
VCCP
GND
VX1
VX2
VX3
VX4
VX5
VP1
VP2
VP3
VP4
VH
AGND
VDDCAP
PROGRAMMABLE
RESET
GENERATORS
(SFDs)
DUAL-
FUNCTION
INPUTS
(LOGIC INPUTS
OR
SFDs)
SEQUENCING
ENGINE
CONFIGURABLE
OUTPUT
DRIVERS
(LV CAPABLE
OF DRIVING
LOGIC SIGNALS)
PDO1
PDO2
PDO3
PDO4
PDO5
PDO6
SDA SCL
A1
A0
SMBus
INTERFACE
REFOUT REFGND
VREF
EEPROM
ADM1065
CONFIGURABLE
OUTPUT
DRIVERS
(HV CAPABLE OF
DRIVING GATES
OF N-FET)
Figure 1.
GENERAL DESCRIPTION
The ADM1065 Super Sequencer® is a configurable supervisory/
sequencing device that offers a single-chip solution for supply
monitoring and sequencing in multiple-supply systems.
The device also provides up to 10 programmable inputs for moni-
toring undervoltage faults, overvoltage faults, or out-of-window
faults on up to 10 supplies. In addition, 10 programmable outputs
can be used as logic enables. Six of these programmable outputs
can each provide up to a 12 V output for driving the gate of an
N-FET that can be placed in the path of a supply.
The logical core of the device is a sequencing engine. This state
machine-based construction provides up to 63 different states.
This design enables very flexible sequencing of the outputs
based on the condition of the inputs.
The ADM1065 is controlled via configuration data that can be
programmed into an EEPROM. The whole configuration can
be programmed using an intuitive GUI-based software package
provided by Analog Devices, Inc.


Similar Part No. - ADM1065ASUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1065ASU AD-ADM1065ASU Datasheet
664Kb / 28P
Super Sequencer-TM and Monitor
ADM1065ASU-REEL AD-ADM1065ASU-REEL Datasheet
664Kb / 28P
Super Sequencer-TM and Monitor
ADM1065ASU-REEL7 AD-ADM1065ASU-REEL7 Datasheet
664Kb / 28P
Super Sequencer-TM and Monitor
More results

Similar Description - ADM1065ASUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1065 AD-ADM1065 Datasheet
664Kb / 28P
Super Sequencer-TM and Monitor
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
Super Sequencer??and Monitor
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
Quad Voltage Monitor and Sequencer
logo
Texas Instruments
UCD9080 TI-UCD9080 Datasheet
558Kb / 32P
8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR
logo
Analog Devices
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
Quad Voltage Monitor and Sequencer
3/07-Revision 0
ADM1168 AD-ADM1168 Datasheet
402Kb / 28P
Super Sequencer and Monitor with Nonvolatile Fault Recording
REV. 0
logo
Maxim Integrated Produc...
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
logo
Analog Devices
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
Super Sequencer and Monitor
REV. C
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
Quad Voltage Monitor and Sequencer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com