Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF930 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPF930
Description  TMOS Switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPF930 Datasheet(HTML) 2 Page - Motorola, Inc

  MPF930 Datasheet HTML 1Page - Motorola, Inc MPF930 Datasheet HTML 2Page - Motorola, Inc MPF930 Datasheet HTML 3Page - Motorola, Inc MPF930 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MPF930 MPF960 MPF990
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS(2) (Continued)
Static Drain–Source On Resistance
(VGS = 10 Vdc, ID = 1.0 Adc)
MPF930
MPF960
MPF990
rDS(on)
—
—
—
0.9
1.2
1.2
1.4
1.7
2.0
Ω
On–State Drain Current
(VDS = 25 Vdc, VGS = 10 Vdc)
ID(on)
1.0
2.0
—
Amps
SMALL– SIGNAL CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
Ciss
—
70
—
pF
Reverse Transfer Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
Crss
—
20
—
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
Coss
—
49
—
pF
Forward Transconductance
(VDS = 25 Vdc, ID = 0.5 Adc)
gfs
200
380
—
mmhos
SWITCHING CHARACTERISTICS
Turn–On Time
ton
—
7.0
15
ns
Turn–Off Time
toff
—
7.0
15
ns
2. Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2.0%.
Figure 1. Switching Test Circuit
Figure 2. Switching Waveforms
RESISTIVE SWITCHING
OUTPUT
INVERTED
50%
10%
50%
toff
ton
Vin
Vout
PULSE
WIDTH
90%
10%
INPUT
90%
90%
10 V
20 dB
50
Ω ATTENUATOR
PULSE GENERATOR
+25 V
Vin
40 pF
1.0 M
50
23
50
Vout
TO SAMPLING SCOPE
50
Ω INPUT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com