Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF930 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPF930
Description  TMOS Switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPF930 Datasheet(HTML) 3 Page - Motorola, Inc

  MPF930 Datasheet HTML 1Page - Motorola, Inc MPF930 Datasheet HTML 2Page - Motorola, Inc MPF930 Datasheet HTML 3Page - Motorola, Inc MPF930 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPF930 MPF960 MPF990
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 3. On Voltage versus Temperature
Figure 4. Capacitance Variation
Figure 5. Transfer Characteristic
Figure 6. Output Characteristic
VGS = 10 V
VDS, DRAIN – SOURCE VOLTAGE (VOLTS)
VGS, GATE – SOURCE VOLTAGE (VOLTS)
10
5.0
2.0
1.0
0.5
0.2
0.1
–55
–15
25
65
105
0
0.9
0.6
0.3
1.2
1.8
1.5
0
1.0
2.0
3.0
4.0
5.0
VDS, DRAIN – SOURCE VOLTAGE (VOLTS)
2.4
2.1
1.2
0.8
0.4
1.6
2.4
2.0
2.8
6.0
7.0
8.0
9.0
10
0
5.0
10
20
30
40
50
145
–35
+5.0
45
85
125
TJ, JUNCTION TEMPERATURE (°C)
0
10
203040
50
0
60
40
20
80
120
100
160
140
200
180
5.0
0
VGS = 0 V
Coss
Ciss
Crss
VDS = 10 V
9.0 V
8.0 V
7.0 V
6.0 V
5.0 V
4.0 V
VGS = 10 V
Figure 7. Saturation Characteristic
VDS, DRAIN – SOURCE VOLTAGE (VOLTS)
1.2
0.8
0.4
1.6
2.4
2.0
2.8
1.0
2.0
3.0
4.0
5.0
0.5
0
0.2
VGS = 10 V
9.0 V
8.0 V
7.0 V
6.0 V
5.0 V
4.0 V
3.0 V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com