Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128P33TF70A Datasheet(PDF) 1 Page - Microchip Technology

Part # JS28F128P33TF70A
Description  128-Mbit, 64-Mbit Single Bit per Cell (SBC)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

JS28F128P33TF70A Datasheet(HTML) 1 Page - Microchip Technology

  JS28F128P33TF70A Datasheet HTML 1Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 2Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 3Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 4Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 5Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 6Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 7Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 8Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
Datasheet
Jul 2011
1
Order Number: 208034-04
Numonyx® P33-65nm Flash Memory
128-Mbit, 64-Mbit Single Bit per Cell (SBC)
Datasheet
Product Features
High performance:
— 60ns initial access time for Easy BGA
— 70ns initial access time for TSOP
— 25ns 8-word asynchronous-page read
mode
— 52MHz with zero wait states, 17ns clock-to-
data output synchronous-burst read mode
— 4-, 8-, 16-, and continuous-word options
for burst mode
— 3.0V buffered programming at 1.8MByte/s
(Typ) using 256-word buffer
— Buffered Enhanced Factory Programming at
3.2MByte/s (typ) using 256-word buffer
Architecture:
— Asymmetrically-blocked architecture
— Four 32-KByte parameter blocks: top or
bottom configuration
— 128-KByte main blocks
— Blank Check to verify an erased block
Voltage and Power:
—VCC (core) voltage: 2.3V – 3.6V
—VCCQ (I/O) voltage: 2.3V – 3.6V
— Standby current: 35μA(Typ) for 64-Mbit,
50μA(Typ) for 128-Mbit
— Continuous synchronous read current:
23mA (Typ) at 52 MHz
Security:
— One-Time Programmable Registers:
— 64 OTP bits, programmed with unique
information by Numonyx
— 2112 OTP bits, available for customer
programming
— Absolute write protection: VPP = VSS
— Power-transition erase/program lockout
— Individual zero-latency block locking
— Individual block lock-down capability
— Password Access feature
Software:
— 20µs (Typ) program suspend
— 20µs (Typ) erase suspend
— Basic Command Set and Extended Function
Interface (EFI) Command Set compatible
— Common Flash Interface capable
Density and Packaging:
— 56-Lead TSOP package (128-Mbit, 64-Mbit)
— 64-Ball Easy BGA package (128-Mbit, 64-
Mbit)
— 16-bit wide data bus
Quality and Reliability:
—JESD47E Compliant
— Operating temperature: –40°C to +85°C
— Minimum 100,000 erase cycles per block
— 65nm process technology


Similar Part No. - JS28F128P33TF70A

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
JS28F128P33TF70 NUMONYX-JS28F128P33TF70 Datasheet
3Mb / 88P
Numonyx짰 P33-65nm Flash Memory
More results

Similar Description - JS28F128P33TF70A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB25D128323C INFINEON-HYB25D128323C Datasheet
1Mb / 53P
128 Mbit DDR SGRAM
V1.7, July 2003
logo
ATMEL Corporation
AT52BC6402A ATMEL-AT52BC6402A Datasheet
335Kb / 38P
64 MBIT FLASH 16 MBIT PSRAM
AT52SC1283J ATMEL-AT52SC1283J Datasheet
702Kb / 52P
128-Mbit Flash 32-Mbit/64-Mbit
logo
Micron Technology
JS28F128P33BF70 MICRON-JS28F128P33BF70 Datasheet
3Mb / 88P
Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
PC28F128J3F75A MICRON-PC28F128J3F75A Datasheet
2Mb / 66P
Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
RC28F640P33TF60A MICRON-RC28F640P33TF60A Datasheet
3Mb / 88P
Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
logo
Numonyx B.V
PC28F640P33BF60D NUMONYX-PC28F640P33BF60D Datasheet
3Mb / 88P
Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com