Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128P33TF70A Datasheet(PDF) 16 Page - Microchip Technology

Part # JS28F128P33TF70A
Description  128-Mbit, 64-Mbit Single Bit per Cell (SBC)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

JS28F128P33TF70A Datasheet(HTML) 16 Page - Microchip Technology

Back Button JS28F128P33TF70A Datasheet HTML 12Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 13Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 14Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 15Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 16Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 17Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 18Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 19Page - Microchip Technology JS28F128P33TF70A Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
P33-65nm
Datasheet
Jul 2011
16
Order Number: 208034-04
6.0
Command Set
6.1
Device Command Codes
The flash Command User Interface (CUI) provides access to device read, write, and
erase operations. The CUI does not occupy an addressable memory location; it is part
of the internal logic which allows the flash device to be controlled. The Write State
Machine provides the management for its internal erase and program algorithms.
Commands are written to the CUI to control flash device operations. Table 5,
“Command Codes and Definitions” describes all valid command codes.
For operations that involve multiple command cycles, the possibility exists that the
subsequent command does not get issued in the proper sequence. When this happens,
the CUI sets Status Register bits SR[5,4] to indicate a command sequence error.
Some applications use illegal or invalid commands (like 0x00) accidentally or
intentionally with the device. An illegal or invalid command doesn't change the device
output state compared with the previous operation on 130nm device. But the output
will change to Read Status Register mode on 65nm device.
After an illegal or invalid command, software may attempt to read the device. If the
previous state is read array mode before an illegal command, software will expect to
read array data on 130nm device, such as 0xFFFF in an unprogrammed location. On
the 65nm device, software may not get the expected array data and instead the status
register is read.
Please refer to the legal and valid commands/spec defined in the Datasheet, such as for
read mode, issue 0xFF to Read Array mode, 0x90 to Read Signature, 0x98 to Read CFI/
OTP array mode.
Table 5:
Command Codes and Definitions (Sheet 1 of 3)
Mode
Code
Device Mode
Description
Read
0xFF
Read Array
Places the device in Read Array mode. Array data is output on DQ[15:0].
0x70
Read Status
Register
Places the device in Read Status Register mode. The device enters this mode
after a program or erase command is issued. SR data is output on DQ[7:0].
0x90
Read Device ID
or Configuration
Register
Places device in Read Device Identifier mode. Subsequent reads output
manufacturer/device codes, Configuration Register data, Block Lock status,
or OTP Register data on DQ[15:0].
0x98
Read Query
Places the device in Read Query mode. Subsequent reads output Common
Flash Interface information on DQ[7:0].
0x50
Clear Status
Register
The WSM can only set SR error bits. The Clear Status Register command is
used to clear the SR error bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com