Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103K3T6C Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM8S103K3T6C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103K3T6C Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM8S103K3T6C Datasheet HTML 57Page - STMicroelectronics STM8S103K3T6C Datasheet HTML 58Page - STMicroelectronics STM8S103K3T6C Datasheet HTML 59Page - STMicroelectronics STM8S103K3T6C Datasheet HTML 60Page - STMicroelectronics STM8S103K3T6C Datasheet HTML 61Page - STMicroelectronics STM8S103K3T6C Datasheet HTML 62Page - STMicroelectronics STM8S103K3T6C Datasheet HTML 63Page - STMicroelectronics STM8S103K3T6C Datasheet HTML 64Page - STMicroelectronics STM8S103K3T6C Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 117 page
background image
Unit
Max
(1)
Typ
Conditions
Parameter
Symbol
-
48
(6)
HSI
(after
Flash in operating
mode
(5)
MVR voltage
regulator
off
(4)
Wakeup time active
halt mode to run
mode
(3)
wakeup)
-
50
(6)
HSI
(after
Flash in
power-down
MVR voltage
regulator
Wakeup time active
halt mode to run
wakeup)
mode
(5)
off
(4)
mode
(3)
-
52
Flash in operating mode
(5)
Wakeup time from
halt mode to run
tWU(H)
-
54
Flash in power-down mode
(5)
mode
(3)
(1) Data guaranteed by design, not tested in production.
(2) t
WU(WFI) = 2 x 1/fmaster + 6 x 1/fCPU.
(3) Measured from interrupt event to interrupt vector fetch.
(4) Configured by the REGAH bit in the CLK_ICKR register.
(5) Configured by the AHALT bit in the FLASH_CR1 register.
(6) Plus 1 LSI clock depending on synchronization.
Total current consumption and timing in forced reset state
10.3.2.6
Table 30: Total current consumption and timing in forced reset state
Unit
Max
(1)
Typ
Conditions
Parameter
Symbol
μA
-
400
VDD = 5 V
Supply current in reset
state
(2)
IDD(R)
-
300
VDD = 3.3 V
μs
150
-
Reset pin release to
vector fetch
tRESETBL
(1) Data guaranteed by design, not tested in production.
(2) Characterized with all I/Os tied to V
SS.
Current consumption of on-chip peripherals
10.3.2.7
Subject to general operating conditions for VDD and TA.
61/117
DocID15441 Rev 9
Electrical characteristics
STM8S103K3 STM8S103F3 STM8S103F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com