Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC1206D Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC1206D
Description  600 V power Schottky silicon carbide diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC1206D Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC1206D Datasheet HTML 1Page - STMicroelectronics STPSC1206D Datasheet HTML 2Page - STMicroelectronics STPSC1206D Datasheet HTML 3Page - STMicroelectronics STPSC1206D Datasheet HTML 4Page - STMicroelectronics STPSC1206D Datasheet HTML 5Page - STMicroelectronics STPSC1206D Datasheet HTML 6Page - STMicroelectronics STPSC1206D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
September 2009
Doc ID 16288 Rev 1
1/7
7
STPSC1206
600 V power Schottky silicon carbide diode
Features
■ No reverse recovery
■ Switching behavior independent of
temperature
■ Dedicated to PFC boost diode
Description
These diodes are manufactured using silicon
carbide substrate. This wide bandgap material
supports the manufacture of a Schottky diode
structure with a high voltage rating. Such diodes
exhibit no or negligible recovery characteristics.
The recovery characteristics are independent of
the temperature.
Using these diodes will significantly reduce the
switching power losses of the associated MOS-
FET, and thus increase the efficiency of the
overall application. These diodes will then
outperform the power factor correction circuit
operating in hard switching conditions.
Table 1.
Device summary
IF(AV)
12 A
VRRM
600 V
Tj (max)
175 °C
QC (typ)
12 nC
K
A
TO-220AC
STPSC1206D
www.st.com


Similar Part No. - STPSC1206D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC1206D STMICROELECTRONICS-STPSC1206D Datasheet
89Kb / 7P
600 V power Schottky silicon carbide diode
September 2009 Rev 1
logo
Inchange Semiconductor ...
STPSC1206D ISC-STPSC1206D Datasheet
362Kb / 2P
Silicon Carbide Schottky Diode
More results

Similar Description - STPSC1206D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC806D STMICROELECTRONICS-STPSC806D Datasheet
96Kb / 7P
600 V power Schottky silicon carbide diode
05-May-2008
STPSC1006D STMICROELECTRONICS-STPSC1006D Datasheet
96Kb / 7P
600 V power Schottky silicon carbide diode
05-May-2008
STPSC406 STMICROELECTRONICS-STPSC406 Datasheet
108Kb / 8P
600 V power Schottky silicon carbide diode
24-Sep-2009
STPSC606 STMICROELECTRONICS-STPSC606 Datasheet
106Kb / 8P
600 V power Schottky silicon carbide diode
24-Sep-2009
STPSC806 STMICROELECTRONICS-STPSC806_09 Datasheet
93Kb / 7P
600 V power Schottky silicon carbide diode
24-Sep-2009
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC2006CW STMICROELECTRONICS-STPSC2006CW Datasheet
80Kb / 7P
600 V power Schottky silicon carbide diode
01-Mar-2011
STPSC8H065D STMICROELECTRONICS-STPSC8H065D Datasheet
228Kb / 14P
650 V power Schottky silicon carbide diode
07-Jan-2014
STPSC1206 STMICROELECTRONICS-STPSC1206 Datasheet
89Kb / 7P
600 V power Schottky silicon carbide diode
September 2009 Rev 1
logo
WOLFSPEED, INC.
CSD01060A WOLFSPEED-CSD01060A Datasheet
1Mb / 9P
600 V, 1 A Silicon Carbide Schottky Diode
Rev. 18, March 2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com