Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4871M/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM4871M/NOPB
Description  3W Audio Power Amplifier with Shutdown Mode
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4871M/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM4871M/NOPB Datasheet HTML 1Page - Texas Instruments LM4871M/NOPB Datasheet HTML 2Page - Texas Instruments LM4871M/NOPB Datasheet HTML 3Page - Texas Instruments LM4871M/NOPB Datasheet HTML 4Page - Texas Instruments LM4871M/NOPB Datasheet HTML 5Page - Texas Instruments LM4871M/NOPB Datasheet HTML 6Page - Texas Instruments LM4871M/NOPB Datasheet HTML 7Page - Texas Instruments LM4871M/NOPB Datasheet HTML 8Page - Texas Instruments LM4871M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM4871
www.ti.com
SNAS002F – FEBRUARY 2000 – REVISED MAY 2013
Absolute Maximum Ratings
(1) (2)
Supply Voltage
6.0V
Supply Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD to +0.3V
Power Dissipation(3)
Internally Limited
ESD Susceptibility(4)
5000V
ESD Susceptibility(5)
250V
Junction Temperature
150°C
Soldering Information
Small Outline Package
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
θJC (typ)—D0008A
35°C/W
θJA (typ)—D0008A
140°C/W
θJC (typ)—D0008E
37°C/W
θJA (typ)—D0008E
107°C/W
θJC (typ)—DGK0008A
56°C/W
θJA (typ)—DGK0008A
210°C/W
θJC (typ)—NGN0008A
4.3°C/W
θJA (typ)—NGN0008A
56°C/W(6)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is PDMAX = (TJMAX–TA)/θJA or the number given in Absolute Maximum Ratings, whichever
is lower. For the LM4871, TJMAX = 150°C. For the θJA's for different packages, please see the Application Information section or the
absolute maximum ratings section.
(4)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(5)
Machine Model, 220pF–240pF discharged through all pins.
(6)
The given
θJA is for an LM4871 packaged in an NGN0008A with the Exposed–DAP soldered to an exposed 1in
2 area of 1oz printed
circuit board copper.
Operating Ratings
Temperature Range TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ 85°C
Supply Voltage
2.0V
≤ VDD ≤ 5.5V
Electrical Characteristics
(1) (2)
The following specifications apply for VDD = 5V and RL = 8Ω unless otherwise specified. Limits apply for TA = 25°C.
LM4871
Symbol
Parameter
Conditions
Units
Min(3)
Typical(4)
Limit(3)
(Limits)
VDD
Supply Voltage
2.0
5.5
V
IDD
Quiescent Power Supply
VIN = 0V, Io = 0A
6.5
10.0
mA
Current
ISD
Shutdown Current
VPIN1 = VDD
0.6
2
µA
VOS
Output Offset Voltage
VIN = 0V
5.0
50
mV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(3)
Typicals are specified at 25°C and represent the parametric norm.
(4)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com