Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4871M/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM4871M/NOPB
Description  3W Audio Power Amplifier with Shutdown Mode
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4871M/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4871M/NOPB Datasheet HTML 9Page - Texas Instruments LM4871M/NOPB Datasheet HTML 10Page - Texas Instruments LM4871M/NOPB Datasheet HTML 11Page - Texas Instruments LM4871M/NOPB Datasheet HTML 12Page - Texas Instruments LM4871M/NOPB Datasheet HTML 13Page - Texas Instruments LM4871M/NOPB Datasheet HTML 14Page - Texas Instruments LM4871M/NOPB Datasheet HTML 15Page - Texas Instruments LM4871M/NOPB Datasheet HTML 16Page - Texas Instruments LM4871M/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
LM4871
www.ti.com
SNAS002F – FEBRUARY 2000 – REVISED MAY 2013
Demonstration Board Layout
Figure 28. Recommended NGN PC Board Layout:
Figure 29. Recommended NGN PC Board Layout:
Component-Side Silkscreen
Component-Side Layout
Figure 30. Recommended NGN PC Board Layout: Bottom-Side Layout
LM4871 MDA MWA 3W Audio Power Amplifier With Shutdown Mode
Figure 31. Die Layout (C - Step)
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com