Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF23NM50N Datasheet(PDF) 20 Page - STMicroelectronics

Part # STF23NM50N
Description  N-channel 500 V, 0.162 廓, 17 A TO-220, TO-220FP, TO-247, D짼PAK MDmesh??II Power MOSFET
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF23NM50N Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STF23NM50N Datasheet HTML 13Page - STMicroelectronics STF23NM50N Datasheet HTML 14Page - STMicroelectronics STF23NM50N Datasheet HTML 15Page - STMicroelectronics STF23NM50N Datasheet HTML 16Page - STMicroelectronics STF23NM50N Datasheet HTML 17Page - STMicroelectronics STF23NM50N Datasheet HTML 18Page - STMicroelectronics STF23NM50N Datasheet HTML 19Page - STMicroelectronics STF23NM50N Datasheet HTML 20Page - STMicroelectronics STF23NM50N Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Revision history
STB23NM50N, STF23NM50N, STP23NM50N, STW23NM50N
20/21
Doc ID 16913 Rev 4
6
Revision history
Table 14.
Document revision history
Date
Revision
Changes
11-Dec-2009
1
First release.
26-May-2010
2
Document status promoted from preliminary data to datasheet.
16-Sep-2010
3
Added new value in Figure 14, Figure 15 and Figure 10.
23-May-2011
4
Section 2.1: Electrical characteristics (curves) has been
updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com