Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF23NM50N Datasheet(PDF) 4 Page - STMicroelectronics

Part # STF23NM50N
Description  N-channel 500 V, 0.162 廓, 17 A TO-220, TO-220FP, TO-247, D짼PAK MDmesh??II Power MOSFET
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF23NM50N Datasheet(HTML) 4 Page - STMicroelectronics

  STF23NM50N Datasheet HTML 1Page - STMicroelectronics STF23NM50N Datasheet HTML 2Page - STMicroelectronics STF23NM50N Datasheet HTML 3Page - STMicroelectronics STF23NM50N Datasheet HTML 4Page - STMicroelectronics STF23NM50N Datasheet HTML 5Page - STMicroelectronics STF23NM50N Datasheet HTML 6Page - STMicroelectronics STF23NM50N Datasheet HTML 7Page - STMicroelectronics STF23NM50N Datasheet HTML 8Page - STMicroelectronics STF23NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Electrical characteristics
STB23NM50N, STF23NM50N, STP23NM50N, STW23NM50N
4/21
Doc ID 16913 Rev 4
2
Electrical characteristics
(TCASE=25 °C unless otherwise specified)
Table 5.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 1 mA, VGS = 0
500
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = max rating
VDS = max rating, @125 °C
1
100
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 25 V
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
3
4
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID = 8.5 A
0.162
0.19
Ω
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 50 V, f = 1 MHz,
VGS = 0
-
1330
84
4.8
-
pF
pF
pF
Coss eq.
(1)
1.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDS
Equivalent output
capacitance
VGS = 0, VDS = 0 to 400 V
-
210
-
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 400 V, ID = 17 A,
VGS = 10 V,
(see Figure 18)
-
45
7
24
-
nC
nC
nC
Rg
Gate input resistance
f=1 MHz Gate DC Bias=0
Test signal level=20 mV
open drain
-4.6
-
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com