Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56321VF200R2 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # DSP56321VF200R2
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56321VF200R2 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button DSP56321VF200R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
DSP56321 Technical Data, Rev. 11
Freescale Semiconductor
2-1
Specifications
2
The DSP56321 is fabricated in high-density CMOS with Transistor-Transistor Logic (TTL) compatible inputs and
outputs.
2.1 Maximum Ratings
In the calculation of timing requirements, adding a maximum value of one specification to a minimum value of
another specification does not yield a reasonable sum. A maximum specification is calculated using a worst case
variation of process parameter values in one direction. The minimum specification is calculated using the worst
case for the same parameters in the opposite direction. Therefore, a “maximum” value for a specification never
occurs in the same device that has a “minimum” value for another specification; adding a maximum to a minimum
represents a condition that can never exist.
CAUTION
This
device
contains
circuitry
protecting
against damage due to high static voltage or
electrical fields; however, normal precautions
should be taken to avoid exceeding maximum
voltage ratings. Reliability is enhanced if
unused inputs are tied to an appropriate logic
voltage level (for example, either GND or VCC).
Table 2-1.
Absolute Maximum Ratings
Rating1
Symbol
Value1, 2
Unit
Supply Voltage3
VCCQL
–0.1 to 2.25
V
Input/Output Supply Voltage
3
VCCQH
–0.3 to 4.35
V
All input voltages
VIN
GND – 0.3 to VCCQH + 0.3
V
Current drain per pin excluding VCC and GND
I
10
mA
Operating temperature range
TJ
–40 to +100
°C
Storage temperature
TSTG
–55 to +150
°C
Notes:
1.
GND = 0 V, VCCQL = 1.6 V ± 0.1 V, VCCQH = 3.3 V ± 0.3 V, TJ = –40°C to +100°C, CL = 50 pF
2.
Absolute maximum ratings are stress ratings only, and functional operation at the maximum is not guaranteed. Stress beyond
the maximum rating may affect device reliability or cause permanent damage to the device.
3.
Power-up sequence: During power-up, and throughout the DSP56321 operation, VCCQH voltage must always be higher or
equal to VCCQL voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com