Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56321VF200R2 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # DSP56321VF200R2
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56321VF200R2 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  DSP56321VF200R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
DSP56321 Technical Data, Rev. 11
ii
Freescale Semiconductor
Table of Contents
Data Sheet Conventions .......................................................................................................................................ii
Features ...............................................................................................................................................................iii
Target Applications ............................................................................................................................................. iv
Product Documentation .......................................................................................................................................v
Chapter 1
Signals/Connections
1.1
Power ................................................................................................................................................................1-3
1.2
Ground ..............................................................................................................................................................1-3
1.3
Clock .................................................................................................................................................................1-3
1.4
External Memory Expansion Port (Port A) ......................................................................................................1-4
1.5
Interrupt and Mode Control ..............................................................................................................................1-6
1.6
Host Interface (HI08) ........................................................................................................................................1-7
1.7
Enhanced Synchronous Serial Interface 0 (ESSI0) ........................................................................................1-10
1.8
Enhanced Synchronous Serial Interface 1 (ESSI1) ........................................................................................1-11
1.9
Serial Communication Interface (SCI) ...........................................................................................................1-12
1.10
Timers .............................................................................................................................................................1-13
1.11
JTAG and OnCE Interface ..............................................................................................................................1-14
Chapter 2
Specifications
2.1
Maximum Ratings.............................................................................................................................................2-1
2.2
Thermal Characteristics ....................................................................................................................................2-2
2.3
DC Electrical Characteristics............................................................................................................................2-2
2.4
AC Electrical Characteristics ............................................................................................................................2-3
Chapter 3
Packaging
3.1
Package Description .........................................................................................................................................3-2
3.2
MAP-BGA Package Mechanical Drawing .....................................................................................................3-10
Chapter 4
Design Considerations
4.1
Thermal Design Considerations........................................................................................................................4-1
4.2
Electrical Design Considerations......................................................................................................................4-2
4.3
Power Consumption Considerations.................................................................................................................4-3
4.4
Input (EXTAL) Jitter Requirements .................................................................................................................4-4
Appendix A
Power Consumption Benchmark
Data Sheet Conventions
OVERBAR
Indicates a signal that is active when pulled low (For example, the RESET pin is active when
low.)
“asserted”
Means that a high true (active high) signal is high or that a low true (active low) signal is low
“deasserted”
Means that a high true (active high) signal is low or that a low true (active low) signal is high
Examples:
Signal/Symbol
Logic State
Signal State
Voltage
PIN
True
Asserted
VIL/VOL
PIN
False
Deasserted
VIH/VOH
PIN
True
Asserted
VIH/VOH
PIN
False
Deasserted
VIL/VOL
Note:
Values for VIL, VOL, VIH, and VOH are defined by individual product specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com