Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM96LS02 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # DM96LS02
Description  Dual Retriggerable Resettable Monostable Multivibrator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM96LS02 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  DM96LS02 Datasheet HTML 1Page - Fairchild Semiconductor DM96LS02 Datasheet HTML 2Page - Fairchild Semiconductor DM96LS02 Datasheet HTML 3Page - Fairchild Semiconductor DM96LS02 Datasheet HTML 4Page - Fairchild Semiconductor DM96LS02 Datasheet HTML 5Page - Fairchild Semiconductor DM96LS02 Datasheet HTML 6Page - Fairchild Semiconductor DM96LS02 Datasheet HTML 7Page - Fairchild Semiconductor DM96LS02 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
Switching Characteristics
VCC = +5.0V, TA = +25°C
Note 4: Applies only over commercial VCC and TA range for 96S02.
Symbol
Parameter
CL = 15 pF
Units
Min
Max
tPLH
Propagation Delay
55
ns
I0 to Q
tPHL
Propagation Delay
50
ns
I0 to Q
tPLH
Propagation Delay
60
ns
I1 to Q
tPHL
Propagation Delay
55
ns
I1 to Q
tPHL
Propagation Delay
30
ns
CD to Q
tPLH
Propagation Delay
35
ns
CD to Q
tW(L)
I0 Pulse Width LOW
15
ns
tW(H)
I1 Pulse With HIGH
30
ns
tW(L)
CD Pulse Width LOW
22
ns
tW(H)
Minimum Q Pulse Width HIGH
25
55
ns
tW
Q Pulse Width
4.1
4.5
µs
RX
Timing Resistor Range (Note 4)
1
1000
k
Ω
t
Change in Q Pulse
1.0
%
Width over Temperature
t
Change in Q Pulse
0.8
%
Width over VCC Range
1.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com