Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM96LS02 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # DM96LS02
Description  Dual Retriggerable Resettable Monostable Multivibrator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM96LS02 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DM96LS02 Datasheet HTML 1Page - Fairchild Semiconductor DM96LS02 Datasheet HTML 2Page - Fairchild Semiconductor DM96LS02 Datasheet HTML 3Page - Fairchild Semiconductor DM96LS02 Datasheet HTML 4Page - Fairchild Semiconductor DM96LS02 Datasheet HTML 5Page - Fairchild Semiconductor DM96LS02 Datasheet HTML 6Page - Fairchild Semiconductor DM96LS02 Datasheet HTML 7Page - Fairchild Semiconductor DM96LS02 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2000 Fairchild Semiconductor Corporation
DS009816
www.fairchildsemi.com
October 1988
Revised March 2000
DM96LS02
Dual Retriggerable Resettable Monostable Multivibrator
General Description
The DM96LS02 is a dual retriggerable and resettable
monostable multivibrator. The one-shot provides excep-
tionally wide delay range, pulse width stability, predictable
accuracy and immunity to noise. The pulse width is set by
an external resistor and capacitor. Resistor values up to 1.0
M
Ω reduce required capacitor values. Hysteresis is pro-
vided on both trigger inputs of the DM96LS02 for increased
noise immunity.
Features
s Required timing capacitance reduced by factors of 10 to
100 over conventional designs
s Broad timing resistor range—1.0 k
Ω to 2.0 MΩ
s Output Pulse Width is variable over a 2000:1 range by
resistor control
s Propagation delay of 35 ns
s 0.3V hysteresis on trigger inputs
s Output pulse width independent of duty cycle
s 35 ns to
∞ output pulse width range
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
VCC = Pin 16
GND
= Pin 8
Pin Descriptions
Connection Diagram
Order Number
Package Number
Package Description
DM96LS02M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM96LS02N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin
Names
Description
I0
Trigger Input (Active Falling Edge)
I0
Schmitt Trigger Input (Active Falling Edge)
I1
Schmitt Trigger Input (Active Rising Edge)
CD
Direct Clear Input (Active LOW)
Q
True Pulse Output
Q
Complementary Pulse Output


Similar Part No. - DM96LS02

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM96L02 FAIRCHILD-DM96L02 Datasheet
68Kb / 6P
Dual Retriggerable Resettable Monostable Multivibrator
logo
National Semiconductor ...
DM96L02N NSC-DM96L02N Datasheet
144Kb / 6P
Dual Retriggerable Resettable Monostable Multivibrator
logo
Fairchild Semiconductor
DM96L02N FAIRCHILD-DM96L02N Datasheet
68Kb / 6P
Dual Retriggerable Resettable Monostable Multivibrator
More results

Similar Description - DM96LS02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
96L02 NSC-96L02 Datasheet
144Kb / 6P
Dual Retriggerable Resettable Monostable Multivibrator
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
DM96L02 FAIRCHILD-DM96L02 Datasheet
68Kb / 6P
Dual Retriggerable Resettable Monostable Multivibrator
DM96S02 FAIRCHILD-DM96S02 Datasheet
80Kb / 7P
Dual Retriggerable Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Motorola, Inc
MC54HC4538A MOTOROLA-MC54HC4538A Datasheet
371Kb / 13P
Dual precision Monostable Multivibrator (Retriggerable, Resettable)
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_05 Datasheet
167Kb / 16P
Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
June, 2005 ??Rev. 9
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
Dual Precision Retriggerable/Resettable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com