Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPF60IM400HB Datasheet(PDF) 2 Page - IXYS Corporation

Part # DPF60IM400HB
Description  High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DPF60IM400HB Datasheet(HTML) 2 Page - IXYS Corporation

  DPF60IM400HB Datasheet HTML 1Page - IXYS Corporation DPF60IM400HB Datasheet HTML 2Page - IXYS Corporation DPF60IM400HB Datasheet HTML 3Page - IXYS Corporation DPF60IM400HB Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DPF 60 IM 400 HB
final
I
RMS
A
per pin
70
RthCH
K/W
0.25
M
D
Nm
1.2
mounting torque
0.8
T
stg
°C
150
storage temperature
-55
Weight
g
6
Symbol
Definition
Ratings
typ.
max.
min.
Conditions
RMS current
thermal resistance case to heatsink
Unit
I
is typically limited by: 1. pin-to-chip resistance; or by 2. current capability of the chip.
In case of 1, a common cathode/anode configuration and a non-isolated backside, the whole current capability can be used by connecting
the backside.
F
C
N
120
mounting force with clip
20
Ordering
Delivering Mode
Base Qty Code Key
Standard
Part Name
DPF 60 IM 400 HB
503573
Tube
30
XXXXXX
YYWW
Logo
Marking on product
DateCode
Assembly Code
abcdef
Product Marking
D
P
F
60
IM
400
HB
Part number
Diode
HiPerFRED
ultra fast
Single Diode
TO-247AD (3)
=
=
=
DPG60IM400QB
DPG60I400HA
TO-3P (3)
TO-247AD (2)
Similar Part
Package
1)
1)
Marking on Product
DPF60IM400HB
400
400
Voltage Class
Current Rating [A]
Reverse Voltage [V]
=
=
=
=
RMS
IXYS reserves the right to change limits, conditions and dimensions.
©
20100216a
Data according to IEC 60747and per diode unless otherwise specified
2010 IXYS all rights reserved



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com