Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPF60IM400HB Datasheet(PDF) 4 Page - IXYS Corporation

Part # DPF60IM400HB
Description  High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DPF60IM400HB Datasheet(HTML) 4 Page - IXYS Corporation

  DPF60IM400HB Datasheet HTML 1Page - IXYS Corporation DPF60IM400HB Datasheet HTML 2Page - IXYS Corporation DPF60IM400HB Datasheet HTML 3Page - IXYS Corporation DPF60IM400HB Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DPF 60 IM 400 HB
final
0.0
0.4
0.8
1.2
1.6
2.0
20
40
60
80
100
120
0
200
400
600
60
70
80
90
100
110
120
100
101
102
103
104
0.0
0.1
0.2
0.3
0.4
0.5
0.6
040
80
120
160
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
K
f
T
VJ [°C]
-di
F /dt [A/µs]
t [ms]
0
200
400
600
200
400
600
800
1000
1200
1400
1600
1800
4
6
8
10
12
0
200
400
600
0
5
10
15
20
25
30
0
200
400
600
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Q
rr
[µC]
V
F [V]
-di
F /dt [A/µs]
Z
thJC
[K/W]
I
RM
Q
rr
V
FR
t
fr
T
VJ = 150°C
Fig. 1 Forward current I
F versus
forward voltage V
F
Fig. 2 Typ. reverse recovery charge
Q
rr versus -diF /dt
Fig. 3 Typ. reverse recovery current
I
RM versus -diF /dt
Fig. 4 Dynamic parameters
Q
rr,IRM versus TVJ
Fig. 5 Typ. reverse recovery time
t
rr versus -diF /dt
Fig. 6 Typ. forward recovery voltage V
FR
& forward recovery time t
fr vs. diF /dt
Fig. 8 Transient thermal impedance junction to case
25°C
I
F
[A]
-di
F /dt [A/µs]
I
RM
[A]
t
rr
[ns]
-di
F /dt [A/µs]
t
fr
[ns]
V
FR
[V]
0
200
400
600
0
10
20
30
40
50
60
70
80
E
rec
[µJ]
-di
F /dt [A/µs]
Fig. 7 Typ. recovery energy
E
rec versus -diF /dt
I
F = 120 A
60 A
30 A
I
F = 120 A
60 A
30 A
I
F = 120 A
60 A
30 A
I
F
= 120 A
60 A
30 A
T
VJ = 125°C
V
R = 270 V
T
VJ = 125°C
V
R = 270 V
T
VJ = 125°C
V
R = 270 V
T
VJ = 125°C
V
R = 270 V
I
F
=60 A
T
VJ = 125°C
V
R =270 V
IXYS reserves the right to change limits, conditions and dimensions.
©
20100216a
Data according to IEC 60747and per diode unless otherwise specified
2010 IXYS all rights reserved



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com