Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7481P Datasheet(PDF) 2 Page - Analog Power

Part # AM7481P
Description  P-Channel 80-V (D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7481P Datasheet(HTML) 2 Page - Analog Power

  AM7481P Datasheet HTML 1Page - Analog Power AM7481P Datasheet HTML 2Page - Analog Power AM7481P Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
AM7481P
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM7481_A
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Min Typ Max
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = -250 uA
-30
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 uA
-1
Gate-Body Leakage
IGSS
VDS=0 V, VGS=±20 V
±100
nA
VDS = -64 V, VGS = 0 V
-1
VDS=-64 V, VGS=0 V, TJ =55
oC
-5
On-State Drain CurrentA
ID(on)
VDS = -5 V, VGS = -10 V
-50
A
VGS = -10 V, ID = -6.7 A
75
VGS = -4.5 V, ID = -6.1 A
90
Forward TranconductanceA
gfs
VDS = -15 V, ID = -6.7 A
29
S
Diode Forward Voltage
VSD
IS = 2.5 A, VGS = 0 V
-0.8
V
Total Gate Charge
Qg
25
Gate-Source Charge
Qgs
11
Gate-Drain Charge
Qgd
17
Turn-On Delay Time
td(on)
15
Rise Time
tr
13
Turn-Off Delay Time
td(off)
100
Fall-Time
tf
54
SPECIFICATIONS(TA =25
oCUNLESSOTHERWISENOTED)
uA
IDSS
Zero Gate Voltage Drain Current
Static
V
Test Conditions
Symbol
Dynamic
b
Limits
rDS(on)
Drain-Source On-ResistanceA
Parameter
mΩ
Unit
VDD = -15 V, RL = 6 Ω ,
ID= -1 A, VGEN= -10 V
nS
VDS = -15 V, VGS = -5 V,
ID = -6.7 A
nC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com