Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7481P Datasheet(PDF) 1 Page - Analog Power

Part # AM7481P
Description  P-Channel 80-V (D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7481P Datasheet(HTML) 1 Page - Analog Power

  AM7481P Datasheet HTML 1Page - Analog Power AM7481P Datasheet HTML 2Page - Analog Power AM7481P Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
AM7481P
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM7481_A
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
r
DS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
P-Channel 80-V (D-S) MOSFET
•Low r
DS(on) provides higher efficiency and
extends battery life
•
Low thermal impedance copper leadframe
SOIC-8PP saves board space
•
Fast switching speed
•
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
VDS (V)
rDS(on) m(Ω)ID (A)
75 @VGS=-10V
-6.7
90 @VGS=-4.5V
-6.1
PRODUCTSUMMARY
-80
Symbol Maximum Units
VDS
-80
VGS
±20
TA=25
oC-6.7
TA=70
oC-5.0
IDM
±50
IS
-2.1
A
TA=25
oC5.0
TA=70
oC3.2
TJ, Tstg -55to150
oC
Continuous Source Current (Diode Conduction)
a
ABSOLUTEMAXIMUMRATINGS(TA = 25
oCUNLESSOTHERWISENOTED)
Parameter
PulsedDrainCurrent
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous DrainCurrent
a
ID
A
Power Dissipation
a
PD
OperatingJunctionand Storage Temperature Range
W
Symbol
Maximum Units
t <=10sec
25
oC/W
SteadyState
65
oC/W
THERMALRESISTANCERATINGS
Parameter
MaximumJunction-to-Ambient
a
RθJA
S
S
S
G
1
2
3
4
SOIC-8PP
Top View
D
D
D
D
8
7
6
5
S
D
G
P-Channel MOSFET


Similar Part No. - AM7481P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7480N ANALOGPOWER-AM7480N Datasheet
372Kb / 5P
N-Channel 80-V (D-S) MOSFET
AM7482N ANALOGPOWER-AM7482N Datasheet
99Kb / 3P
N-Channel 80-V (D-S) MOSFET
AM7483P ANALOGPOWER-AM7483P Datasheet
372Kb / 5P
P-Channel 80-V (D-S) MOSFET
AM7484N ANALOGPOWER-AM7484N Datasheet
422Kb / 5P
N-Channel 80-V (D-S) MOSFET
More results

Similar Description - AM7481P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM110P08-11L VISHAY-SUM110P08-11L Datasheet
232Kb / 4P
P-Channel 80-V (D-S) MOSFET
24-Jul-06
logo
Analog Power
AM2381P ANALOGPOWER-AM2381P Datasheet
71Kb / 3P
P-Channel 80-V (D-S) MOSFET
AM4481P ANALOGPOWER-AM4481P Datasheet
179Kb / 3P
P-Channel 80-V (D-S) MOSFET
AM7483P ANALOGPOWER-AM7483P Datasheet
372Kb / 5P
P-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SI2337DS-T1-GE3 VISHAY-SI2337DS-T1-GE3 Datasheet
209Kb / 10P
P-Channel 80-V (D-S) MOSFET
02-Feb-09
SI2337DS VISHAY-SI2337DS_V01 Datasheet
226Kb / 10P
P-Channel 80 V (D-S) MOSFET
20-May-2019
SI3129DV VISHAY-SI3129DV Datasheet
240Kb / 9P
P-Channel 80 V (D-S) MOSFET
19-Oct-2020
SI7469DP VISHAY-SI7469DP_V01 Datasheet
307Kb / 13P
P-Channel 80-V (D-S) MOSFET
16-Feb-09
SUP60061EL VISHAY-SUP60061EL Datasheet
147Kb / 7P
P-Channel 80 V (D-S) MOSFET
25-Jan-2021
SI2387DS VISHAY-SI2387DS Datasheet
211Kb / 9P
P-Channel 80 V (D-S) MOSFET
14-Feb-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com