Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR25 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VR25
Description  High Ohmic/High Voltage Metal Glaze Leaded Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VR25 Datasheet(HTML) 1 Page - Vishay Siliconix

  VR25_13 Datasheet HTML 1Page - Vishay Siliconix VR25_13 Datasheet HTML 2Page - Vishay Siliconix VR25_13 Datasheet HTML 3Page - Vishay Siliconix VR25_13 Datasheet HTML 4Page - Vishay Siliconix VR25_13 Datasheet HTML 5Page - Vishay Siliconix VR25_13 Datasheet HTML 6Page - Vishay Siliconix VR25_13 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VR25
www.vishay.com
Vishay BCcomponents
Revision: 17-Aug-11
1
Document Number: 28732
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Ohmic/High Voltage Metal Glaze Leaded Resistors
A metal glazed film is deposited on a high grade ceramic
body. After a helical groove has been cut in the resistive
layer, tinned electrolytic copper wires are welded to the
end-caps. The resistors are coated with a light blue lacquer
which
provides
electrical,
mechanical,
and
climatic
protection.
The encapsulation is resistant to all cleaning solvents in
accordance with IEC 60068-2-45.
FEATURES
• Technology: Metal glaze
• Rmax. = 22 M; Umax. = 1600 VDC
• High pulse loading capability (up to 7 kV)
• Small size (0207)
• Lead (Pb)-free solder contacts
• Pure tin plating provides compatibility with lead (Pb)-free
and lead containing soldering processes
• Compliant to RoHS Directive 2002/95/EC
• AEC-Q200 qualified
APPLICATIONS
• Where high resistance, high stability and high reliability at
high voltage are required
• High humidity environment
• White goods
• Power supplies
Note
(1) Ohmic values (other than resistance range) are available on request.
TECHNICAL SPECIFICATIONS
DESCRIPTION
UNIT
VR25
Resistance Range (1)
100K to 22M
Resistance Tolerance
± 1; ± 5;
± 5; ± 10
100 k
 to 15 M
%
15 M
 to 22 M
Resistance Series
100 k
 to 15 M
E24/E96 series; E24 series
15 M
 to 22 M
E24 series; E12 series
Rated Dissipation, P70
W0.25
Thermal Resistance (Rth)
K/W
140
Temperature Coefficient
ppm/K
 ± 200
Maximum Permissible Voltage Umax.
DC
V
1600
RMS
1150
Dielectric Withstanding Voltage of the Insulation for 1 Min
V
700
Basic Specifications
IEC 60115-1
Climatic Category (IEC 60068-1)
55/155/56
Max. Resistance Change for Resistance Range,
R max., after:
Load (1000 h, P70)
± (1.5 % R +0.1
)
Long Term Damp Heat Test (56 Days)
± (1.5 % R +0.1
)
Soldering (10 s, 260 °C)
± (1.5 % R +0.1
)
Noise
μV/V
max. 5


Similar Part No. - VR25_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VR25000001004FA100 VISHAY-VR25000001004FA100 Datasheet
110Kb / 7P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
VR25000001004FA200 VISHAY-VR25000001004FA200 Datasheet
110Kb / 7P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
VR25000001004FA500 VISHAY-VR25000001004FA500 Datasheet
110Kb / 7P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
VR25000001004FN400 VISHAY-VR25000001004FN400 Datasheet
110Kb / 7P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
VR25000001004FR500 VISHAY-VR25000001004FR500 Datasheet
110Kb / 7P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
More results

Similar Description - VR25_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VR37000001504FA100 VISHAY-VR37000001504FA100 Datasheet
111Kb / 6P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
VR25000002204JA100 VISHAY-VR25000002204JA100 Datasheet
115Kb / 7P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
VR37000002203JA100 VISHAY-VR37000002203JA100 Datasheet
111Kb / 6P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
logo
Riedon Powertron
MGM55 RIEDON-MGM55 Datasheet
231Kb / 2P
High Voltage Metal Glaze Film Resistors
logo
Vishay Siliconix
VR37000001005JA100 VISHAY-VR37000001005JA100 Datasheet
111Kb / 6P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
HVR3700001204JR500 VISHAY-HVR3700001204JR500 Datasheet
159Kb / 7P
High Ohmic/High Voltage Metal Film Leaded Resistors
02-Dec-09
HVR3700003304JA100 VISHAY-HVR3700003304JA100 Datasheet
159Kb / 7P
High Ohmic/High Voltage Metal Film Leaded Resistors
02-Dec-09
VR25000001004JR500 VISHAY-VR25000001004JR500 Datasheet
110Kb / 7P
High Ohmic/High Voltage Metal Glaze Leaded Resistors
17-Aug-11
VR68 VISHAY-VR68 Datasheet
184Kb / 10P
High Ohmic / High Voltage Metal Glaze Leaded Resistors
02-Jun-2022
logo
Stackpole Electronics, ...
MGM SEI-MGM Datasheet
334Kb / 6P
High Voltage Metal Glaze Resistor
5/4/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com