Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR25 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VR25
Description  High Ohmic/High Voltage Metal Glaze Leaded Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VR25 Datasheet(HTML) 2 Page - Vishay Siliconix

  VR25_13 Datasheet HTML 1Page - Vishay Siliconix VR25_13 Datasheet HTML 2Page - Vishay Siliconix VR25_13 Datasheet HTML 3Page - Vishay Siliconix VR25_13 Datasheet HTML 4Page - Vishay Siliconix VR25_13 Datasheet HTML 5Page - Vishay Siliconix VR25_13 Datasheet HTML 6Page - Vishay Siliconix VR25_13 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VR25
www.vishay.com
Vishay BCcomponents
Revision: 17-Aug-11
2
Document Number: 28732
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• The PART NUMBER is shown to facilitate the introduction of a unified part numbering system for ordering products
(1) Please refer to table PACKAGING
DIMENSIONS
PART NUMBER
PART NUMBER: VR25000001503JA100
MODEL/SIZE
VARIANT
TCR/MATERIAL
VALUE
TOLERANCE
PACKAGING (1)
SPECIAL
VR25000
0 = Neutral
Z = Value overflow
(Special)
0 = Standard
3 digit value
1 digit multiplier
MULTIPLIER
3 = *103
4 = *104
5 = *105
F = ± 1 %
J = ± 5 %
K = ± 10 %
A5
A2
A1
R5
N4
The 2 digits
are used for all
special parts.
00 = Standard
PRODUCT DESCRIPTION: VR25 5 % A1 150K
VR25
5 %
A1
150K
MODEL/SIZE
TOLERANCE
PACKAGING (1)
RESISTANCE VALUE
VR25
± 1 %
± 5 %
± 10 %
A5
A2
A1
R5
N4
150K = 150 k
8M2 = 8.2 M
PACKAGING
MODEL
TAPING
AMMOPACK
REEL
PIECES
CODE
PIECES
CODE
VR25
Axial, 26 mm
2000
A2
-
-
Axial, 52 mm
5000
A5
5000
R5
1000
A1
-
-
Radial
4000
N4
-
-
DIMENSIONS - Resistor type and relevant physical dimensions
TYPE
Ø Dmax.
L1 max.
L2 max.
Ø d
VR25
2.5
6.5
7.5
0.58 ± 0.05
Ø D
L1
L2
Ø d
Outline
50
2
R
V
0
00
0
1
5
0
3
J
A
1
00



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com