Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS404 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPS404
Description  Chopper Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPS404 Datasheet(HTML) 4 Page - Motorola, Inc

  MPS404 Datasheet HTML 1Page - Motorola, Inc MPS404 Datasheet HTML 2Page - Motorola, Inc MPS404 Datasheet HTML 3Page - Motorola, Inc MPS404 Datasheet HTML 4Page - Motorola, Inc MPS404 Datasheet HTML 5Page - Motorola, Inc MPS404 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MPS404A
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
IB, BASE CURRENT (mA)
Figure 9. Emitter–Collector “On” Resistance
VR, REVERSE VOLTAGE (VOLTS)
Figure 10. Capacitance
100
5.0
20
–100
IC, COLLECTOR CURRENT (mA)
Figure 11. Turn–On Time
–100
IC, COLLECTOR CURRENT (mA)
Figure 12. Turn–Off Time
–1.0
–2.0 –3.0
–5.0 –7.0 –10
2.0 k
20
–1.0
–2.0 –3.0
–5.0 –7.0 –10
–20
–30
–50 –70
1.0 k
100
–1.0
–2.0 –3.0
–5.0 –7.0 –10
–20 –30
–50 –70
70
50
30
20
10
7.0
–0.1
–0.2 –0.3
–0.5 –0.7
–1.0
–2.0
–5.0
–0.1
–0.2
–0.5
–0.05
–10
–20
–50
2.0
3.0
5.0
7.0
10
30
50
70
100
200
300
500
700
1.0 k
200
300
500
700
TJ = 25°C
NOTE: The dynamic resistance between the emitter and
NOTE: collector is measured with the device operated in
NOTE: the Inverted Mode.
Ie = 100 µA RMS
f = 1.0 kHz
TJ = 25°C
IE = 0
Cob
Cib
VCC = –10 V
IC/IB = 0
TJ = 25°C
tr
td @ VBE(off) = –1.4 V
ts
tf
VCC = –10 V
IC/IB = 0
IB1 = IB2
TJ = 25°C
Figure 13. Switching Time Test Circuit
RB
10 k
0.1
µF
Vin
51
TO SCOPE
1.0 k
VCC = –10 V
ton, td and tr
toff, ts and tf
Vin
(Volts)
VBB
(Volts)
–12
+1.4
+20.6
–11.6
Voltages and resistor values shown
are for IC = 10 mA. IC/IB = 10 and IB1
= IB2. Resistor values changed to ob-
tain curves in Figures 11 and 12.
VBB
RBB
1.0 k
Figure 14. Stored Base Charge Test Circuit
(0–250 pF)
RB*
(5.6 k
Ω)
INPUT Vin
C1
VCC
(–6.0 V)
RC (560 Ω)
OUTPUT
VOLTAGE WAVEFORMS
Vin
6.0 V
0
6.0 V
Vout
>5.0
µs
tr, tf < 15 ns
10%
toff
MEASUREMENT PROCEDURE
C1 is increased until the toff time of
the output waveform is decreased to
0.2
µs, QS is then calculated by
QS = C1 Vin.
QS3 or QS7 by B–Line Electronics
or equivalent may also be used.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com