Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS404 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPS404
Description  Chopper Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPS404 Datasheet(HTML) 3 Page - Motorola, Inc

  MPS404 Datasheet HTML 1Page - Motorola, Inc MPS404 Datasheet HTML 2Page - Motorola, Inc MPS404 Datasheet HTML 3Page - Motorola, Inc MPS404 Datasheet HTML 4Page - Motorola, Inc MPS404 Datasheet HTML 5Page - Motorola, Inc MPS404 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MPS404A
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
NORMAL MODE
INVERTED MODE
–100
IC, COLLECTOR CURRENT (mA)
Figure 3. DC Current Gain @ VCE = –0.15 Vdc
–100
IE, EMITTER CURRENT (mA)
Figure 4. DC Current Gain @ VEC = –0.15 Vdc
200
100
30
10
10
1.0
–100
IC, COLLECTOR CURRENT (mA)
Figure 5. DC Current Gain @ VCE = –1.0 Vdc
–100
IE, EMITTER CURRENT (mA)
Figure 6. DC Current Gain @ VEC = –1.0 Vdc
20
40
60
80
–1.0
–2.0 –3.0
–5.0 –7.0 –10
–20
–30
–50 –70
25
°C
–55
°C
1.5
2.0
3.0
5.0
7.0
–1.0
–2.0 –3.0
–5.0 –7.0 –10
–20 –30
–50 –70
TJ = 125°C
25
°C
–55
°C
600
30
40
60
80
100
200
300
400
–1.0
–2.0 –3.0
–5.0 –7.0 –10
–20
–30
–50 –70
TJ = 125°C
25
°C
–55
°C
10
1.0
2.0
3.0
5.0
7.0
–1.0
–2.0 –3.0
–5.0 –7.0 –10
–20 –30
–50 –70
TJ = 125°C
25
°C
–55
°C
IB, BASE CURRENT (mA)
Figure 7. Collector Saturation Region
–0.5
0
–0.005
–0.4
–0.3
–0.2
–0.1
–0.01 –0.02
–0.05
–0.1
–0.2
–0.5
–1.0
–2.0
–5.0
TJ = 25°C
IC = –2.0 mA
–10 mA
–50 mA
–0.5
0
–0.4
–0.3
–0.2
–0.1
–0.05 –0.1
–0.2
–0.5
–1.0
–2.0
–5.0
–10
–20
–50
IB, BASE CURRENT (mA)
Figure 8. Emitter Saturation Region
TJ = 25°C
IE = –0.5 mA –2.0 mA
–10 mA
–50 mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com