Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRT2-TS04P Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # DRT2-TS04P
Description  Remote I/O Terminals with Transistors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

DRT2-TS04P Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button DRT2-TS04P Datasheet HTML 11Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 12Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 13Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 14Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 15Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 16Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 17Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 18Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
18
DRT2-Series Smart Slave
■MIL Connector Terminals with Transistors
DRT2-ID16ML(X)
DRT2-ID16ML(X)-1
DRT2-OD16ML(X)
DRT2-OD16ML(X)-1
24 VDC
19
20
VV
GG
17
18
15
16
13
14
11
10
12
9
87
65
43
21
mch
03
mch
11
mch
02
mch
10
mch
01
mch
09
mch
00
mch
08
mch
04
mch
12
mch
05
mch
13
mch
06
mch
14
mch
07
mch
15
24 VDC
19
20
VV
GG
17
18
15
16
13
14
11
10
12
9
87
65
43
21
mch
03
mch
11
mch
02
mch
10
mch
01
mch
09
mch
00
mch
08
mch
04
mch
12
mch
05
mch
13
mch
06
mch
14
mch
07
mch
15
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
24 VDC
19
20
VV
GG
17
18
15
16
13
14
11
10
12
9
87
65
43
21
mch
03
mch
11
mch
02
mch
10
mch
01
mch
09
mch
00
mch
08
mch
04
mch
12
mch
05
mch
13
mch
06
mch
14
mch
07
mch
15
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
24 VDC
19
20
VV
GG
17
18
15
16
13
14
11
10
12
9
87
65
43
21
mch
03
mch
11
mch
02
mch
10
mch
01
mch
09
mch
00
mch
08
mch
04
mch
12
mch
05
mch
13
mch
06
mch
14
mch
07
mch
15
DRT2-ID16MLX(-1)/DRT2-OD16MLX(-1)
Wiring Diagram for Enclosed Cable (with Connectors)
20
18
14
12
4
2
19
17
13
11
3
1
20
18
14
12
4
2
19
17
13
11
3
1
XG4M-2030-T
(mating portion side)
XG4M-2030-T
(mating portion side)
Triangle
mark
Triangle
mark
100 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com