Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRT2-TS04P Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # DRT2-TS04P
Description  Remote I/O Terminals with Transistors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

DRT2-TS04P Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button DRT2-TS04P Datasheet HTML 13Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 14Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 15Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 16Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 17Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 18Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 19Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 20Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
20
DRT2-Series Smart Slave
DRT2-ID08CL (NPN)
DRT2-ID08CL-1 (PNP)
DRT2-OD08CL (NPN)
1
2
4
3
V
NC
G
Input 0
1
2
4
3
VV
NC
G
Input 4
1
2
4
3
V
NC
G
Input 2
1
2
4
3
NC
G
Input 6
2
3
1
4
NC
V
G
Input 1
23
1
4
NC
V
G
Input 5
2
3
1
4
NC
V
G
Input 3
23
1
4
NC
V
G
Input 7
1
2
4
V
+
CAN H
CAN L
3
5
V
−
DRAIN
1
2
4
3
NC
NC
24V
0V
I/O power supply 24 VDC
Two-wire sensor
(Limit switch, etc.)
Three-wire sensor with NPN output
(e.g., photoelectric sensor or proximity sensor)
1
2
4
3
V
NC
G
Input 0
1
2
4
3
V
NC
G
Input 4
1
2
4
3
V
NC
G
Input 2
1
2
4
3
V
NC
G
Input 6
2
3
1
4
NC
V
G
Input 1
2
3
1
4
NC
V
G
Input 5
23
1
4
NC
V
G
Input 3
2
3
1
4
NC
V
G
Input 7
1
2
4
V
+
CAN H
CAN L
3
5
V
−
DRAIN
1
2
4
3
NC
NC
24V
0V
I/O power supply 24 VDC
Three-wire sensor with PNP output
(e.g., photoelectric sensor or proximity sensor)
Two-wire sensor
(Limit switch, etc.)
1
2
4
3
V
Output 4
1
2
4
3
V
Output 2
1
2
4
3
V
Output 6
2
3
1
4
NC
VV
Output 1
2
3
1
4
Output 5
2
3
1
4
V
Output 3
23
1
4
V
Output 7
1
2
4
V
+
CAN H
CAN L
3
5
V
−
DRAIN
Solenoid valve, etc.
Solenoid valve, etc.
1
2
4
3
V
Output 0
2
NC
1
0V
3
24V
4
NC
I/O power supply
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com