Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

628 Datasheet(PDF) 1 Page - Bi technologies

Part # 628
Description  .220??Small Outline
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

628 Datasheet(HTML) 1 Page - Bi technologies

  628 Datasheet HTML 1Page - Bi technologies 628 Datasheet HTML 2Page - Bi technologies 628 Datasheet HTML 3Page - Bi technologies 628 Datasheet HTML 4Page - Bi technologies 628 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODELS 627, 628
Model 627, 628 Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
10.12
• .220” Small Outline
• Dual-In-Line
• Thick Film
• Surface Mount
• Resistor Networks
• RoHS Compliant
Standard Resistance Range, Ohms
10 to 1Meg (Plus “0” Ohm Jumper)
Standard Resistance Tolerance, at 25°C
±2%(<33
Ω = ±1 Ohm)
(Optional: F Tol. = ±1%)
Operating Temperature Range
-55°C to +125°C
Temperature Coefficient of Resistance
±100ppm/°C (<100
Ω = ±250ppm/°C)
Temperature Coefficient of Resistance, Tracking
±50ppm/°C
Maximum Operating Voltage
50Vdc or
√PR
Insulation Resistance
≥10,000 Megohms
Thermal Shock plus Power Conditioning
ΔR 0.70%
Short Time Overload
ΔR 0.25%
Moisture Resistance
ΔR 0.50%
Mechanical Shock
ΔR 0.25%
Vibration
ΔR 0.25%
Low Temperature Operation
ΔR 0.25%
High Temperature Exposure
ΔR 0.50%
Load Life, 2000 Hours (
≤330Ω = ±0.5 Ohm)
ΔR 0.50%
Resistance to Solder Heat (Total Immersion in solder at 280°C for 10 sec.)
ΔR 0.25%
Dielectric Withstanding Voltage
200V for 1 minute
Temperature Exposure, Maximum
215°C for 3 minutes
Marking Permanency
MIL-STD-202, Method 215
Lead Solderability
MIL-STD-202, Method 208
Flammability
UL-94V-0 Rated
Storage Temperature Range
–55°C to +150°C
Electrical
Environmental


Similar Part No. - 628

ManufacturerPart #DatasheetDescription
logo
Bi technologies
628 BITECH-628 Datasheet
65Kb / 5P
220 Small Outline Dual-In-Line Thick Film Surface Mount Resistor Networks
logo
Mallory performance clu...
628 MALLORY-628 Datasheet
125Kb / 12P
RPM ACTIVATED SWITCH
logo
List of Unclassifed Man...
628 ETC2-628 Datasheet
276Kb / 5P
MODELS 627, 628 Model 627, 628 Series
logo
TT Electronics.
628 TTELEC-628 Datasheet
404Kb / 5P
Surface Mount
logo
Abbatron All Rights Res...
628 ABBATRON-628 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results

Similar Description - 628

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPDS006C TI-MPDS006C Datasheet
33Kb / 2P
PLASTIC SMALL-OUTLINE
logo
Advanced Power Electron...
AP1333GU-HF A-POWER-AP1333GU-HF_14 Datasheet
98Kb / 4P
Small Package Outline
AP2301EN-HF A-POWER-AP2301EN-HF_14 Datasheet
102Kb / 4P
Small Package Outline
AP2301N-HF A-POWER-AP2301N-HF_14 Datasheet
65Kb / 4P
Small Package Outline
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_14 Datasheet
101Kb / 4P
Small Outline Package
AP2318AGEN-HF A-POWER-AP2318AGEN-HF_14 Datasheet
64Kb / 4P
Small Outline Package
AP2323AGN-HF A-POWER-AP2323AGN-HF_14 Datasheet
104Kb / 4P
Small Package Outline
logo
Amkor Technology
SSOP AMKOR-SSOP Datasheet
433Kb / 2P
Shrink Small Outline, Quarter-Size Small-Outline Packages
logo
TT Electronics.
628A103TR4 TTELEC-628A103TR4 Datasheet
276Kb / 5P
.220??Small Outline
628B103TR4 TTELEC-628B103TR4 Datasheet
276Kb / 5P
.220??Small Outline
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com