Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

628 Datasheet(PDF) 4 Page - Bi technologies

Part # 628
Description  .220??Small Outline
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

628 Datasheet(HTML) 4 Page - Bi technologies

  628 Datasheet HTML 1Page - Bi technologies 628 Datasheet HTML 2Page - Bi technologies 628 Datasheet HTML 3Page - Bi technologies 628 Datasheet HTML 4Page - Bi technologies 628 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
— Resistor (Per Circuit) —
Model
Package
A
B
J
627
1.28
0.32
0.16
0.16
628
1.28
0.32
0.16
0.16
MODELS 627, 628
Model 627, 628 Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
10.12
Packaging
Standard:
Tape & Reel
Conforms to requirements of EIA-481.
All units orientated with lead #1 to the left of direction of feed.
Tape
Width =
Pocket =
Pitch =
24mm
Embossed Plastic, Antistatic
12mm
Reel:
Diameter =
Capacity =
13” (300mm) Maximum
2,000 Units
Option:
Magazines
Conforms to EIA and JEDEC standards.
All units orientated with lead #1 to the same side.
Magazine:
Magazine: Capacity = 50 Units
Typical Part Marking
Power Dissipation, Watts At 70°C







 















  
 
  
  




  




 
  
  





















Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com