Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA2901F Datasheet(PDF) 6 Page - Rohm

Part # BA2901F
Description  Ground Sense Comparators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2901F Datasheet(HTML) 6 Page - Rohm

Back Button BA2901F Datasheet HTML 2Page - Rohm BA2901F Datasheet HTML 3Page - Rohm BA2901F Datasheet HTML 4Page - Rohm BA2901F Datasheet HTML 5Page - Rohm BA2901F Datasheet HTML 6Page - Rohm BA2901F Datasheet HTML 7Page - Rohm BA2901F Datasheet HTML 8Page - Rohm BA2901F Datasheet HTML 9Page - Rohm BA2901F Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Technical Note
6/24
BA10393F,BA10339F,BA10339FV,BA2903SF,BA2903SFV,BA2903SFVM,BA2903F,BA2903FV,
BA2903FVM,BA2901SF,BA2901SFV,BA2901SKN,BA2901F,BA2901FV,BA2901KN,BA8391G
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
-8
-6
-4
-2
0
2
4
6
8
-50
-25
0
25
50
75
100
AMBIEN T TEMPER ATU R E[
℃]
0
10
20
30
40
-50
-25
0
255075
100
AMBIEN T TEMPER ATU R E [
℃]
0
20
40
60
80
100
120
140
160
-50
-25
0
25
50
75
100
AMBIEN T TEMPER ATU R E[
℃]
Fig.1
ディレーティングカーブ
Fig.2
回路電流 - 電源電圧特性
Fig.3
回路電流 - 温度特性
Fig.4
出力飽和電圧-電源電圧特性
(IOL=4[mA])
Fig.5
出力飽和電圧-温度特性
(IOL=4[mA])
Fig.6
Low レベル出力電圧-出力シンク電流特性
(VCC=5[V])
Fig.7
出力シンク電流-温度特性
(VOUT=1.5[V])
Fig.8
入力オフセット電圧-電源電圧特性
Fig.9
入力オフセット電圧-温度特性
Fig.10
入力バイアス電流-電源電圧特性
Fig.11
入力バイアス電流-温度特性
Fig.12
入力オフセット電流-電源電圧特性
-8
-6
-4
-2
0
2
4
6
8
0
1020
3040
SU PPLY VOLTAGE[V]
5V
-50
-40
-30
-20
-10
0
10
20
30
40
50
0
10203040
SU PPLY VOLTAGE[V]
25℃
-40℃
85℃
2V
5V
36V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-50
-25
0
25
50
75
100
AMBIEN T TEMPER ATU R E [
℃]
2V
36V
5V
0
50
100
150
200
-50
-25
0
255075
100
AMBIEN T TEMPER ATU R E [
℃]
36V
2V
5V
2V
36V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
10
203040
SUPPLY VOLTAGE [V]
25℃
85℃
-40℃
0
50
100
150
200
0
10
203040
SU PPLY VOLTAGE[V]
25℃
85℃
-40℃
-40℃
25℃
85℃
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
30
35
40
SU PPLY VOLTAGE[V]
-40℃
25℃
85℃
2V
36V
5V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
2
4
6
8
10 12 14 16 18 20
OUTPUT SINK CUR RENT[m A]
85℃
25℃
-40℃
0
200
400
600
800
0
25
50
75
100
125
AMBIENT TEMPERATURE[℃]
BA8391G
85
BA83 91 ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA83 91 ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA83 91 ファ ミリ
BA8391 family
●Reference Data BA8391 family
(*)The data above is ability value of sample, it is not guaranteed. BA8391G:-40[℃]~+85[℃]
BA8391 family
BA8391 family
BA8391 family
BA8391 family
BA8391 family
BA8391 family
BA8391 family
BA8391 family
BA8391 family
Fig.10
Input Bias Current - Supply Voltage
Fig.11
Input Bias Current - Ambient Temperature
Fig.12
Input Offset Current - Supply Voltage
Fig.1
Derating Curve
Fig.2
Supply Current - Supply Voltage
Fig.3
Supply Current - Ambient Temperature
Fig.4
Output Saturation Voltage
- Supply Voltage
(IOL=4[mA])
Fig.5
Output Saturation Voltage
- Ambient Temperature
(IOL=4[mA])
Fig.6
Low Level Output Voltage
- Output Sink Current
(VCC=5[V])
Fig.7
Output Sink Current - Ambient Temperature
(VOUT=1.5[V])
Fig.8
Input Offset Voltage - Supply Voltage
Fig.9
Input Offset Voltage - Ambient Temperature
BA8391 family
BA8391 family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com