Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA2901F Datasheet(PDF) 1 Page - Rohm

Part # BA2901F
Description  Ground Sense Comparators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2901F Datasheet(HTML) 1 Page - Rohm

  BA2901F Datasheet HTML 1Page - Rohm BA2901F Datasheet HTML 2Page - Rohm BA2901F Datasheet HTML 3Page - Rohm BA2901F Datasheet HTML 4Page - Rohm BA2901F Datasheet HTML 5Page - Rohm BA2901F Datasheet HTML 6Page - Rohm BA2901F Datasheet HTML 7Page - Rohm BA2901F Datasheet HTML 8Page - Rohm BA2901F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1/24
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Operational Amplifiers / Comparators
Ground Sense Comparators
BA10393F,BA10339F,BA10339FV,BA2903SF,BA2903SFV,BA2903SFVM
BA2903F,BA2903FV,BA2903FVM,BA2901SF,BA2901SFV,BA2901SKN,
BA2901F,BA2901FV,BA2901KN,BA8391G
●Description
General purpose BA8391G/BA10393/BA10339 family and high reliability BA2903/BA2901 family integrate one, two or four
independent high gain voltage comparator. Some features are the wide operating voltage that is 2 to 36[V] (for BA8391G,
BA10393, BA2903, BA2901 family), 3 to 36[V] (for BA10339 family) and low supply current. Therefore, this series is suitable
for any application.
●Features
1)
Operable with a signal power supply
5)
Internal ESD protection
2)
Wide operating supply voltage
Human body model (HBM)±5000[V](Typ.)
+2.0[V] ~ +36.0[V]
(single supply)
(BA10393
family)
(BA8391/BA2903/BA2901 family)
±1.0[V] ~ ±18.0[V]
(split supply)
6)
Gold PAD
(BA2903/BA2901 family)
+3.0[V] ~ +36.0[V]
(single supply)
(BA10339
family)
±1.5[V] ~ ±18.0[V]
(split supply)
7)
Wide temperature range
-40[℃] ~ +85[℃](BA8391G/BA10393/BA10339 family)
-40[℃] ~ +105[℃](BA2903S/BA2901S family)
-40[℃] ~ +125[℃](BA2903/BA2901 family)
+2.0[V] ~ +36.0[V]
(single supply)
(BA2903/BA2901
family)
±1.0[V] ~ ±18.0[V]
(split supply)
3)
Standard comparator pin-assignments
4)
Input and output are operable ground sense
●Pin Assignment
High Speed
BA10393F
BA2903S F/FV/FVM :105℃
guaranteed
Single
BA8391G
Dual
Quad
BA10339F/FV
High Reliability
Dual
Quad
BA2903 F/FV/FVM :125℃
guaranteed
BA2901S F/FV/KN :105℃
guaranteed
BA2901 F/FV/KN :125℃
guaranteed
No.11049EBT18
SOP14
SSOP-B14
VQFN16
45
36
27
18
CH1
- +
CH2
+ -
OUT1
-IN1
+IN1
VEE
OUT2
-IN2
+IN2
VCC
SOP8
SSOP-B8
MSOP8
SSOP5
1
2
3
4
16
15
14
13
VCC
NC
-IN1
+IN1
OUT1 OUT2 OUT3 OUT4
-IN2
+IN2 -IN3
+IN3
-IN4
+IN4
NC
VEE
CH1
-+
CH2
-+
12
11
10
9
5
6
7
8
CH3
-+
CH4
-+
34
2
15
-
+
OUT
-IN
+IN
VEE
VCC
78
69
510
411
312
213
114
CH4
- +
CH1
- +
OUT2
-IN1
+IN1
VCC
OUT4
-IN3
+IN3
VEE
OUT3
+IN4
-IN4
OUT1
+IN2
-IN2
CH3
- +
CH2
- +
BA8391G
BA10393F
BA2903SF
BA2903F
BA2903SFV
BA2903FV
BA2903SFVM
BA2903FVM
BA10339F
BA2901SF
BA2901F
BA10339FV
BA2901SFV
BA2901FV
BA2901SKN
BA2901KN


Similar Part No. - BA2901F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2901F ROHM-BA2901F Datasheet
294Kb / 6P
GROUND SENSE QUAD VOLTAGE COMPARATORS
BA2901F ROHM-BA2901F Datasheet
574Kb / 20P
Comparators: Ground Sense
BA2901F ROHM-BA2901F Datasheet
466Kb / 20P
Comparators : Ground Sense
BA2901F ROHM-BA2901F Datasheet
551Kb / 25P
Ground Sense Comparators
BA2901F ROHM-BA2901F Datasheet
533Kb / 25P
Ground Sense Comparators
More results

Similar Description - BA2901F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
Comparators: Ground Sense
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
Ground Sense Comparators
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
Ground Sense Comparators
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
Automotive Ground Sense Comparators
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
Automotive Ground Sense Comparators
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
Ground Sense Comparators
15.Jul.2016 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com