Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4248 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH4248
Description  Emitters and Detectors for Infrared (IR) Touchscreens
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4248 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button SFH4248 Datasheet HTML 3Page - OSRAM GmbH SFH4248 Datasheet HTML 4Page - OSRAM GmbH SFH4248 Datasheet HTML 5Page - OSRAM GmbH SFH4248 Datasheet HTML 6Page - OSRAM GmbH SFH4248 Datasheet HTML 7Page - OSRAM GmbH SFH4248 Datasheet HTML 8Page - OSRAM GmbH SFH4248 Datasheet HTML 9Page - OSRAM GmbH SFH4248 Datasheet HTML 10Page - OSRAM GmbH SFH4248 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
August 13, 2010
page 7 of 14
mandatory. To minimize irritations caused by
unintentional radiation (scattering) out of the
glass at the coupling interface a baffle might
be useful. Furthermore it is recommended to
minimize the air-gap between the IRED and
the acrylic glass.
The MIDLED® product family (SFH 46XX)
with its 15° half-angle and flat top is an
excellent candidate, whereas for wide-angle
components
the
DRAGON
or
TOP-
/SIDELED® products fulfil the above criteria.
For simple applications the spacing might be
one to two IREDs per inch.
3.6 In-Cell Optical Sensing
Typically, this design does not feature active
IR illumination. However, to overcome the
main
drawback
of
this
principle
the
SMARTLED® family (SFH4050) of IREDs
with its slim package might be a potential
solution for integration without compromising
the slim overall design.
4. General Design Guidelines
4.1 Emitter Wavelength
Infrared LEDs for camera-based applications
are usually available in two wavelengths:
Around 850 nm and 940 nm. The following
general guidelines will help you to choose
the proper wavelength for your application:
Using an 850 nm IRED results in a higher
sensitivity for CMOS cameras. But due to
factors described below, 940 nm IRED
emitters might be preferable. Additionally,
detectors with ‘day-light blocking filter’ (black
resin) often have their maximum at around
900 nm as well. Thus, 940 nm IREDs may
be used with discrete phototransistors/-
diodes. The detector’s data sheet should be
consulted to find the best match.
Although
human
eyes
are
nominally
insensitive to wavelengths above 800 nm
according to the CIE V(λ) curves, it has been
shown that a red glow is perceived in 850
nm IREDs at high power levels. This effect is
around 50 – 100 times lower at 940 nm,
therefore this wavelength should be chosen
if a faint red glow is visible to the user and
definitely undesired in the application.
Eye safety standards should be observed at
all times. An application note specifically on
this topic is available from OSRAM (“Eye
Safety of Infrared Light Emitting Diodes”).
4.2 Suppression of Ambient Light
The influence of ambient light on the
detector signal may be suppressed and
reduced in several ways.
The most important technique is to block
visible light in a way that the detector is only
sensitive to a narrow wavelength range in
the IR region. OSRAM offers to the designer
a range of products with so called ‘daylight
blocking filter
’. OSRAM silicon-detectors with
daylight blocking filter are sensitive within
the narrow 800 nm - 1100 nm wavelength
range. These components are characterized
by
their
black
(visible-absorbing,
IR-
transmitting) packages.
This measure generally provides sufficient
ambient visible light suppression for most
applications. Please refer to the product
selection guide for further details and
availability.
Note that usage of devices with daylight
blocking filter is recommended in every case
to avoid detector saturation.
However, there are additional sources of IR
light which might interfere with the signal of
interest. The following gives a brief overview
of possible distortions and sketches a more
demanding solution, if the conventional
‘daylight blocking filter’ is not sufficient.
4.3 Suppression of Infrared Noise
Minimizing and counterfighting unintended
infrared light, which acts as noise in the
detector, is the main design challenge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com