Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4248 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # SFH4248
Description  Emitters and Detectors for Infrared (IR) Touchscreens
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4248 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button SFH4248 Datasheet HTML 5Page - OSRAM GmbH SFH4248 Datasheet HTML 6Page - OSRAM GmbH SFH4248 Datasheet HTML 7Page - OSRAM GmbH SFH4248 Datasheet HTML 8Page - OSRAM GmbH SFH4248 Datasheet HTML 9Page - OSRAM GmbH SFH4248 Datasheet HTML 10Page - OSRAM GmbH SFH4248 Datasheet HTML 11Page - OSRAM GmbH SFH4248 Datasheet HTML 12Page - OSRAM GmbH SFH4248 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
August 13, 2010
page 9 of 14
In some enhanced applications it might be
worth to consider an external lens in front of
the emitter to create a slim IR curtain only
above the screen. This might also be
advantageous concerning power saving
issues, as it allows reducing the IRED drive
current.
Exemplary Calculation
The following simple calculation illustrates
above relations in a matrix-type application.
The emitter is a SFH4650-V (90 mW/sr at
100 mA), the detector a phototransistor
SFH309FA-4. The detector is located axially
on the opposite screen side, inside the
bezel.
Unfavorable
ambient
IR
light
conditions incident on the detector are
assumed to be an equivalent irradiance of
25 µW/cm2 (e.g. shadowing the detector
behind the bezel and bright incandescent
light bulbs near the screen).
To achieve a signal-to-noise ratio (SNR) of
at least 6 at the detector, an E
e = 0.15
mW/cm2 is required (for a comfortable I
PCE
≈ 0.45 mA). Using I
e = Ee·r
2 yields for a 7-
inch screen (9.1 cm x 15.5 cm) a necessary
radiant intensity of 12 mW/sr (vertically
emitting) and 36 mW/sr (horizontally).
According to the data sheet a drive current
IF of 13 mA resp. 40 mA is required.
Increasing the screen size from 7-inch to 14-
inch and keeping the SNR stable results in
an increase in the required radiant intensity
by a factor of four (roughly quadrupling the
operating current – in this particular case it is
necessary
to
operate
under
pulsed
conditions).
In the above 7-inch screen example, the
crosstalk from a neighboring IRED (spaced
2 cm apart) is around 25 % of the signal for
the vertical grid (the angular arrangement
causes the radiation characteristics to drop
to 60 % resp. the detector’s sensitivity to 40
%). This value rises to over 80 % if the
screen size doubles. This demonstrates the
importance of sequentially pulsed operation
of larger matrix-based touchscreens. As an
alternative, a proper mechanical design
which
shadows
the
detectors
from
neighboring light, especially with increasing
screen sizes resp. resolution is advised.
More focused emitter / detector pairs are
recommended anyway to avoid x-y crosstalk
and reduce interference from ambient light.
4.5 Power Supply Considerations
If the electrical power supply is limited (e.g.
battery
powered
applications
or
USB
connected touchscreens with a max. 500
mA supply) it is recommended to operate
the IREDs in pulsed mode. Synchronization
with the detector is advised for better signal-
to-noise ratio and lower overall power
consumption. Please note that in pulsed
operation the IREDs can be operated at
higher drive currents resulting in higher
optical peak powers compared to continuous
operation. Please refer to the data sheet for
details.
5. Product Selection Guide
Tab. 2 - 7 present a short product selection
guide which highlights products and product
families of OSRAM which are suitable for IR
touchscreen applications. For many package
variations top- or side-emitting options are
available.
Please note that this guide provides just a
general
overview.
For
more
detailed
information and the latest products and
updates please visit www.osram-os.com.
6. Literature
[1] OSRAM-OS:
http://www.osram-os.com.
[2] G. Kaindl: Exploring multi-touch
interaction.
VDM Verlag Dr. Müller, 2010.
[3] Interactive Displays Conference:
http://www.int-displays.com.
[4] LLFY-Network:
http://www.ledlightforyou.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com