Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JC103C4R5/X Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JC103C4R5/X
Description  Thermometrics Clip-On Pipe and Surface Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JC103C4R5/X Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JC103C4R5/X Datasheet HTML 1Page - List of Unclassifed Manufacturers JC103C4R5/X Datasheet HTML 2Page - List of Unclassifed Manufacturers JC103C4R5/X Datasheet HTML 3Page - List of Unclassifed Manufacturers JC103C4R5/X Datasheet HTML 4Page - List of Unclassifed Manufacturers JC103C4R5/X Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GE
Measurement & Control Solutions
NTC Type
JW, JC
Thermometrics
Clip-On Pipe and
Surface Sensors
Features
• Suitable for use in conditions of high
condensation and occasional immersion in
water
• 0 - 100°C operating range
• Low temperature gradient (<1.8°F at 140°F
(<1°C at 60°C))
• Sensing element electrically isolated from
shoe (isolation >20M Ω at 500V)
• Type JC meets IP44 standard
• Range of clips for pipe diameters 0.51 in to
1.18 in (13 mm to 30 mm). (Consult factory for
additional size options.)
• Self-adjusts to irregular pipe surfaces
• Fast time response (1.5s typical) for JC
and 3.0s for JW
• Water resistant version (Type JW) meets
IP46 standard (with connector tabs
encapsulated)
• Offers cost benefits over traditional
immersion probes
• Typical applications include gas boiler
control, domestic water systems, air
conditioners, radiator inlet-outlet,
electric showers, vending machines,
chiller and refrigeration units


Similar Part No. - JC103C4R5/X

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
JC103C4R5/X AMPHENOL-JC103C4R5/X Datasheet
80Kb / 4P
Suitable for use in conditions of high
More results

Similar Description - JC103C4R5/X

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0747690403 MOLEX11-0747690403 Datasheet
47Kb / 1P
QSFP Light Pipe Assembly, With Clip and Single Light Pipe
0747690404 MOLEX11-0747690404 Datasheet
47Kb / 1P
QSFP Light Pipe Assembly, With Clip and Double Light Pipe
0747830462 MOLEX11-0747830462 Datasheet
32Kb / 1P
QSFP Light Pipe Assembly, Clip Only
logo
Amphenol Corporation
P20 AMPHENOL-P20 Datasheet
73Kb / 4P
Thermometrics
A990 AMPHENOL-A990 Datasheet
115Kb / 2P
Thermometrics Thermistors
RL1004-10K-0-S1 AMPHENOL-RL1004-10K-0-S1 Datasheet
48Kb / 2P
Thermometrics
DO35 AMPHENOL-DO35 Datasheet
95Kb / 8P
Thermometrics
SC30 AMPHENOL-SC30 Datasheet
56Kb / 4P
Thermometrics
ZTP-115ML AMPHENOL-ZTP-115ML Datasheet
94Kb / 2P
Thermometrics
ZTP-135BS AMPHENOL-ZTP-135BS Datasheet
199Kb / 4P
Thermometrics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com