Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JC103C4R5/X Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # JC103C4R5/X
Description  Thermometrics Clip-On Pipe and Surface Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JC103C4R5/X Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  JC103C4R5/X Datasheet HTML 1Page - List of Unclassifed Manufacturers JC103C4R5/X Datasheet HTML 2Page - List of Unclassifed Manufacturers JC103C4R5/X Datasheet HTML 3Page - List of Unclassifed Manufacturers JC103C4R5/X Datasheet HTML 4Page - List of Unclassifed Manufacturers JC103C4R5/X Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
920-349D
© 2011 General Electric Company. All Rights Reserved. Specifications are subject to change without notice. GE is a registered trademark of General Electric Company. Other company or product
names mentioned in this document may be trademarks or registered trademarks of their respective companies, which are not affiliated with GE.
www.ge-mcs.com
Type JC
Specifications
Silistor Data
Code: JC202SLN1/X
Measurements made at 1 mA
0.394 in (10 mm)
0.197 in
(5 mm)
Housing length
(along pipe) = 0.63 in (16 mm)
Clip
Shoe
Housing
Tab 0.11 in (2.8 mm) X (0.02 in) 0.5 mm
0.7 in (17.8 mm)
77°F (25°C)
140°F (60°C)
185°F (85°C)
Resistance Ω
1980 – 2020
2577.1 – 2641.3
3024.2 – 3146.5
Temperature
Deviation
±2.29°F (±1.27°C)
±4.10°F (±2.28°C)
±5.4°F (±3.0°C)
PRT Data
• Tolerance: Class A
• Code: JC102PRTA/X
Refer to separate tables for RvT
32°F (0°C)
77°F (25°C) 140°F (60°C)
185°F (85°C)
Resistance Ω
1000
1097
1232
1328
Temperature
Deviation
±0.27°F
(±0.15°C)
±0.36°F
(±0.2°C)
±0.49°F
(±0.27°C)
±0.58°F
(±0.32°C)
Ordering Information
The code number to be ordered may be specified as follows:
Code
Type
JC
Clip-On Pipe Sensor
Code
Type
X
NTC (See NTC Data Table on page 3)
PTC (See PTC Data Table on page 3)
SLN (See Silistor Data Table)
PRT (See PRT Data Table)
Code
Pipe Diameter Range in mm
13
13 - 15
17
17 - 18.5
20
20 - 22
26
26 - 27.5
28
28 - 30
F
Flat Surface
JC -
____ - ____
Typical model number
Clip Size is specified in the codes above as shown in the table
on the top.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com