Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVXGX Datasheet(PDF) 2 Page - AVX Corporation

Part # AVXGX
Description  Ultra Broad Band Capacitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

AVXGX Datasheet(HTML) 2 Page - AVX Corporation

  AVXGX Datasheet HTML 1Page - AVX Corporation AVXGX Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ADDITIONAL MICROWAVE PRODUCTS
GX
Style
01
Case Size
01 = 0201
103
Capacitance
103 = 0.01μF
EIA Cap Code
in pF
P
Tolerance
P = +100%
-0%
A
Failure Rate
A = Std
T
Termination
T = Ni-Sn
(Standard)
D
Packaging
D = 4000 pcs, 3" T&R
D-500 = 500 pcs, 3" T&R
D-1000 = 1000 pcs, 3" T&R
AVX also manufactures a broad range of SLC (Single Layer Ceramic)
products utilizing high k GBBL dielectrics especially suitable for space
constrained broadband bypass/decoupling applications. A variety of
voltage ratings are available and all dielectrics are suitable for operation
from -55ºC to +125ºC. All SLC products are RoHS compliant.
Style
GH/GB01/06
GH/GB01/06
GH/GB01/06
GH10-55
Dielectric
Z
Maxi
Maxi+
Ultra Maxi
k
2.5K-18K
20K
30K
60K
TC
X7S
X7R
X7R
X7R
Cap Range
20-4700pF
68-8200pF
330-10000pF
200-6500pF
Rating
50/100VDC
50VDC
50VDC
25VDC
Nom
mm sq
0.38 / 2.28
0.38 / 2.28
0.38 / 2.28
0.25 / 1.40
Sizes inches sq
0.015 / 0.090
0.015 / 0.090
0.015 / 0.090
0.010 / 0.055
ZD
Voltage/Dielectric
ZD = 10Vdc/X5R
6.3Vdc/X7S
A KYOCERA GROUP COMPANY
http://www.avx.com
Capacitance
0.01 μF GMV
Voltage Rating/Operating Temperature
10 VDC @ 85°C; 6.3 VDC @ 125ºC
Dielectric Withstanding Voltage
250% WVDC
Insulation Resistance
10,000 Meg Ohms @ 25°C; 1,000 Meg Ohms @ 125°C
Temperature Coefficient
10 VDC X5R (±15%); 6.3 VDC X7S (±22%)
ELECTRICAL SPECIFICATIONS
GX Series
Ultra Broad Band Capacitor
7 = Ni-Au
= Under development
NOTICE: Specifications are subject to change without notice. Contact your nearest AVX Sales Office for the latest specifications. All statements, information and data given
herein are believed to be accurate and reliable, but are presented without guarantee, warranty, or responsibility of any kind, expressed or implied. Statements
or suggestions concerning possible use of our products are made without representation or warranty that any such use is free of patent infringement and are not
recommendations to infringe any patent. The user should not assume that all safety measures are indicated or that other measures may not be required. Specifications are
typical and may not apply to all applications.
© AVX Corporation
AMERICAS
AVX Myrtle Beach, SC
Tel: 843-448-9411
AVX Northwest, WA
Tel: 360-699-8746
AVX Midwest, IN
Tel: 317-861-9184
AVX Mid/Pacific, CA
Tel: 408-988-4900
AVX Northeast, MA
Tel: 617-479-0345
AVX Southwest, CA
Tel: 949-859-9509
AVX Canada
Tel: 905-238-3151
AVX South America
Tel: +55-11-4688-1960
EUROPE
AVX Limited, England
Tel: +44-1252-770000
AVX S.A.S., France
Tel: +33-1-69-18-46-00
AVX GmbH, Germany
Tel: +49-0811-95949-0
AVX SRL, Italy
Tel: +39-02-614-571
AVX Czech Republic
Tel: +420-57-57-57-521
AVX/ELCO UK
Tel: +44-1638-675000
ELCO Europe GmbH
Tel: +49-2741-299-0
AVX S.A., Spain
Tel: +34-91-63-97-197
AVX Benelux
Tel: +31-187-489-337
ASIA-PACIFIC
AVX/Kyocera (S) Pte Ltd.,
Singapore
Tel: +65-6286-7555
AVX/Kyocera, Asia, Ltd.,
Hong Kong
Tel: +852-2363-3303
AVX/Kyocera Yuhan Hoesa,
South Korea
Tel: +82-2785-6504
AVX/Kyocera HK Ltd.,
Taiwan
Tel: +886-2-2656-0258
AVX/Kyocera (M) Sdn Bhd,
Malaysia
Tel: +60-4228-1190
AVX/Kyocera International
Trading Co. Ltd.,
Shanghai
Tel: +86-21-3255 1933
AVX/Kyocera Asia Ltd.,
Shenzen
Tel: +86-755-3336-0615
AVX/Kyocera International
Trading Co. Ltd.,
Beijing
Tel: +86-10-6588-3528
AVX/Kyocera India
Liaison Office
Tel: +91-80-6450-0715
ASIA-KED
(KYOCERA Electronic
Devices)
KED Hong Kong Ltd.
Tel: +852-2305-1080/1223
KED Hong Kong Ltd.
Shenzen
Tel: +86-755-3398-9600
KED Company Ltd.
Shanghai
Tel: +86-21-3255-1833
KED Hong Kong Ltd. Beijing
Tel: +86-10-5869-4655
KED Taiwan Ltd.
Tel: +886-2-2950-0268
KED Korea Yuhan Hoesa,
South Korea
Tel: +82-2-783-3604/6126
KED (S) Pte Ltd.
Singapore
Tel: +65-6509-0328
Kyocera Corporation
Japan
Tel: +81-75-604-3449
S-GX0M1111-C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com