Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVXGX Datasheet(PDF) 1 Page - AVX Corporation

Part # AVXGX
Description  Ultra Broad Band Capacitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

AVXGX Datasheet(HTML) 1 Page - AVX Corporation

  AVXGX Datasheet HTML 1Page - AVX Corporation AVXGX Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The GX Series was developed specifically to address DC
Blocking issues from 160KHz (-3dB roll-off) to 40GHz. Most
applications will experience resonance-free insertion loss of
<0.5dB thru at least 40GHz. Insertion loss at higher frequencies
is in part dependent on installation parameters. Using AVX’s
patented precision thin film termination process, the part is
designed to be completely orientation insensitive with a standard
EIA 0201 footprint to minimize board space requirements. Both
Ni/Sn and Ni/Au terminations are available to cover a wide range
of attachment processes. All GX parts are RoHS compliant.
Au terminated units are wire bondable. Users may, therefore, find
these devices equally useful in bypass applications when wire
bonding is a necessary part of the manufacturing process.
More information can be obtained by contacting the factory or
your local AVX representative.
GX Series
Ultra Broad Band Capacitor
ADVANTAGES
• Ultra-Broadband performance
• Ultra-Low Insertion Loss
• X5R & X7S Characteristics
• Excellent Return Loss
APPLICATIONS
• Semi-Conductor Data
Communications Customers
• Receiver Optical Sub-Assemblies
• Transimpedance Amplifier
Customers
• Test Equipment Manufactures
2.50
2.00
1.50
1.00
0.50
0.00
-0.50
-1.00
-1.50
-2.00
-2.50
Frequency (GHz)
0.4
8
16
24
32
40
(Typical)
50.00
40.00
30.00
20.00
10.00
0.00
-10.00
-20.00
-30.00
-40.00
-50.00
Frequency (GHz)
0.4
8
16
24
32
40
(Typical)
Test Parameters:
All testing done on 10-mil thick Rogers R03006 Microstrip board, with device under test subtending a 10 mil gap in a
13.4 mil wide center trace (nominal 50 Ohm characteristic impedance)
GX01 Series – Insertion Loss (S21)
GX01 Series – Return Loss (S11)
MECHANICAL SPECIFICATIONS
0.3 ± 0.03
(0.012 ± 0.001)
0.3 ± 0.03
(0.012 ± 0.001)
0.6
±
0.03
(0.023
±
0.001)
0.102
±
0.051
(0.004
±
0.002)
mm (inches)


Similar Part No. - AVXGX

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
AVXGX0402 AVX-AVXGX0402 Datasheet
207Kb / 2P
Ultra Broad Band Capacitor
More results

Similar Description - AVXGX

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
HJF-A-500 MERRIMAC-HJF-A-500 Datasheet
281Kb / 2P
BROAD BAND HYBRID JUNCTION
logo
AVX Corporation
GX02YD104KAT2 AVX-GX02YD104KAT2 Datasheet
173Kb / 2P
Ultra Broad Band Capacitor
GL6R0KA7B AVX-GL6R0KA7B Datasheet
202Kb / 2P
Ultra Broad Band Inductor
GX01ZD103PATD AVX-GX01ZD103PATD Datasheet
192Kb / 2P
Ultra Broad Band Capacitor
AVXGX0402 AVX-AVXGX0402 Datasheet
207Kb / 2P
Ultra Broad Band Capacitor
GX03-242063 AVX-GX03-242063 Datasheet
224Kb / 3P
Ultra Broad Band Capacitor
GX03 AVX-GX03 Datasheet
220Kb / 2P
Ultra Broad Band Capacitor
GX01 AVX-GX01 Datasheet
209Kb / 2P
GX Series Ultra Broad Band Capacitor
GX02 AVX-GX02 Datasheet
210Kb / 2P
GX Series Ultra Broad Band Capacitor
GX0S AVX-GX0S_15 Datasheet
304Kb / 2P
Ultra Broad Band Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com