Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1593 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1593
Description  Single-Pole, Normally Open OptoMOS짰 Relay Integrated Current Limit with Voltage and Thermal Protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1593 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1593 Datasheet HTML 1Page - IXYS Corporation CPC1593 Datasheet HTML 2Page - IXYS Corporation CPC1593 Datasheet HTML 3Page - IXYS Corporation CPC1593 Datasheet HTML 4Page - IXYS Corporation CPC1593 Datasheet HTML 5Page - IXYS Corporation CPC1593 Datasheet HTML 6Page - IXYS Corporation CPC1593 Datasheet HTML 7Page - IXYS Corporation CPC1593 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1593
www.ixysic.com
3
R01
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
V
TH
I
LMT
Over Voltage De-Activation Delay
Over Voltage Re-Activation Delay
Current Through Switch
Time
Line Voltage
V
TH
I
LMT
CPC1593 Waveforms: R
L=0
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.10
1.15
1.20
1.25
1.30
1.35
Typical LED Forward Voltage Drop
vs. Temperature
(I
F=5mA, IL=100mA)
LED Current (mA)
12345
6
789
10
11
0.0
0.5
1.0
1.5
2.0
2.5
Typical Turn-On Time
vs. LED Forward Current
(I
L=100mA)
T
A=85ºC
T
A=25ºC
T
A=-40ºC
LED Current (mA)
12345
6
789
10
11
0.0
0.1
0.2
0.3
0.4
0.5
Typical Turn-Off Time
vs. LED Forward Current
(I
L=1mA)
T
A=85ºC
T
A=25ºC
T
A=-40ºC
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.0
0.1
0.2
0.3
0.4
0.5
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Typical Turn-On Time
vs. Temperature
(I
F=5mA, IL=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
Typical Turn-Off Time
vs. Temperature
(I
F=5mA, IL=1mA)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com