Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1593 Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1593
Description  Single-Pole, Normally Open OptoMOS짰 Relay Integrated Current Limit with Voltage and Thermal Protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1593 Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1593 Datasheet HTML 1Page - IXYS Corporation CPC1593 Datasheet HTML 2Page - IXYS Corporation CPC1593 Datasheet HTML 3Page - IXYS Corporation CPC1593 Datasheet HTML 4Page - IXYS Corporation CPC1593 Datasheet HTML 5Page - IXYS Corporation CPC1593 Datasheet HTML 6Page - IXYS Corporation CPC1593 Datasheet HTML 7Page - IXYS Corporation CPC1593 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R01
CPC1593
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
Temperature (ºC)
-40
-20
0
20
40
60
80
100
70
80
90
100
110
120
130
Typical Load Current
vs. Temperature
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
600
620
640
660
680
700
Switch Blocking Voltage
vs. Temperature
(I
F=0mA, IL=1
A)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
1
2
3
4
5
6
7
Typical Leakage Current
vs. Temperature
(V
L=600V)
Applied Voltage (V)
0
5
10
15
20
0.0
0.2
0.4
0.6
0.8
1.0
Input to Output Capacitance
vs. Applied Voltage
(I
F=0mA, f=1MHz)
Applied Voltage (V)
0
5
10
15
20
0
50
100
150
200
Switch Capacitance
vs. Applied Voltage
(I
F=0mA, f=1MHz)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
150
200
250
300
350
AC/DC Configuration Current Limit
vs. Temperature
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
16
18
20
22
24
26
28
30
On-Resistance vs. Temperature
(I
F=5mA, IL=100mA)
Load Voltage (V)
-4
-3
-2
-1
0
1
2
3
4
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
Typical Load Current
vs. Load Voltage
(I
F=5mA)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com