Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

64GA110 Datasheet(PDF) 22 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 22 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 18Page - Microchip Technology 64GA110 Datasheet HTML 19Page - Microchip Technology 64GA110 Datasheet HTML 20Page - Microchip Technology 64GA110 Datasheet HTML 21Page - Microchip Technology 64GA110 Datasheet HTML 22Page - Microchip Technology 64GA110 Datasheet HTML 23Page - Microchip Technology 64GA110 Datasheet HTML 24Page - Microchip Technology 64GA110 Datasheet HTML 25Page - Microchip Technology 64GA110 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 22
 2010 Microchip Technology Inc.
RPI32
—
—
40
I
ST
Remappable Peripheral (input only).
RPI33
—
13
18
I
ST
RPI34
—
14
19
I
ST
RPI35
—
53
67
I
ST
RPI36
—
52
66
I
ST
RPI37
48
60
74
I
ST
RPI38
—
4
6
I
ST
RPI39
—
—
7
I
ST
RPI40
—
5
8
I
ST
RPI41
—
—
9
I
ST
RPI42
—
64
79
I
ST
RPI43
—
37
47
I
ST
RPI44
—
44
54
I
ST
RPI45
35
45
55
I
ST
RTCC
42
54
68
O
—
Real-Time Clock Alarm/Seconds Pulse Output.
SCL1
37
47
57
I/O
I2C
I2C1 Synchronous Serial Clock Input/Output.
SCL2
32
52
58
I/O
I2C
I2C2 Synchronous Serial Clock Input/Output.
SCL3
224
I/O
I2C
I2C3 Synchronous Serial Clock Input/Output.
SDA1
36
46
56
I/O
I2C
I2C1 Data Input/Output.
SDA2
31
53
59
I/O
I2C
I2C2 Data Input/Output.
SDA3
335
I/O
I2C
I2C3 Data Input/Output.
SOSCI
47
59
73
I
ANA
Secondary Oscillator/Timer1 Clock Input.
SOSCO
48
60
74
O
ANA
Secondary Oscillator/Timer1 Clock Output.
T1CK
48
60
74
I
ST
Timer1 Clock.
TCK
27
33
38
I
ST
JTAG Test Clock Input.
TDI
28
34
60
I
ST
JTAG Test Data Input.
TDO
24
14
61
O
—
JTAG Test Data Output.
TMS
23
13
17
I
ST
JTAG Test Mode Select Input.
VCAP
56
70
85
P
—
External Filter Capacitor Connection (regulator enabled).
VDD
10, 26, 38
12, 32, 48
2, 16, 37,
46, 62
P
—
Positive Supply for Peripheral Digital Logic and I/O Pins.
VDDCORE
56
70
85
P
—
Positive Supply for Microcontroller Core Logic (regulator
disabled).
VREF-
15
23
28
I
ANA
A/D and Comparator Reference Voltage (low) Input.
VREF+
16
24
29
I
ANA
A/D and Comparator Reference Voltage (high) Input.
VSS
9, 25, 41
11, 31, 51
15, 36, 45,
65, 75
P
—
Ground Reference for Logic and I/O Pins.
TABLE 1-4:
PIC24FJ256GA110 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Function
Pin Number
I/O
Input
Buffer
Description
64-Pin
TQFP, QFN
80-Pin
TQFP
100-Pin
TQFP
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C™ = I2C/SMBus input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com